Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XK0003P Datasheet(PDF) 1 Page - E-SWITCH

Part # XK0003P
Description  PLATING MATERIAL: SILVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XK0003P Datasheet(HTML) 1 Page - E-SWITCH

  XK0003P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KO113A W / WIRE ASSEMBLY - KEYCODE 10003
1 : 2
11/7/2008
XK0003P
A
BLR
1
1
E-SWITCH KEYLOCK SWITCH
KO113A
(p/n K200101 )
6.35
[.250 in]
(STRIP AND TIN)
(2)
114.30
[4.500 in]
(PRE ASSEMBLED
WIRE LENGTH)
228.60
[9.000 in]
(PRE ASSEMBLED
WIRE LENGTH)
RED 18 AWG
UL 1007
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. PLATING MATERIAL: SILVER
4. RATING: 4A @125 VAC, 2A @250 VAC
5. INSULATION RESISTANCE: 200 MEGA-OHM MIN.
6. DIELECTRIC STRENGTH: 1,500 V RMS @SEA LEVEL.
7.
DENOTES CRITICAL PARAMETER.
8. PACKAGE IN CLEAR BAG: 3 KEYS (1 INSERTED, 2 ON
WIRE LOOP), 1 NUT (NOT INSTALLED ON BODY)
9. KEYCODE: 10003
10. 2002/95/EC (ROHS) COMPLIANT
A
18310
RELEASE FOR PRODUCTION
11/7/08
BLR
12.7
[.50 in]
(2)
BLACK HEAT
SHRINK TUBE
AFTER WIRE
SOLDERING
n2.03
[.080 in]
APPROX.
SWITCH FUNCTION
POS 1
POS 2
OFF
1-2
CIRCUT: SPST
CONTACT CONFIGURATION
90~ INDEXING
LEGEND
.
=
INDICATES KEY PULL POSSIBLE
POS. 1
POS. 2
= DETENT POSITION
POS. 1
POS. 2
1
2


Similar Part No. - XK0003P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XK0089P E-SWITCH-XK0089P Datasheet
79Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
XK0092P E-SWITCH-XK0092P Datasheet
94Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
XK0093P E-SWITCH-XK0093P Datasheet
47Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
XK0096P E-SWITCH-XK0096P Datasheet
65Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - XK0003P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T301202 E-SWITCH-T301202 Datasheet
123Kb / 1P
   PLATING MATERIAL: GOLD
T970048 E-SWITCH-T970048 Datasheet
272Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960106 E-SWITCH-T960106 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960107 E-SWITCH-T960107 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970035 E-SWITCH-T970035 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970043 E-SWITCH-T970043 Datasheet
179Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980021 E-SWITCH-T980021 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970044 E-SWITCH-T970044 Datasheet
178Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970047 E-SWITCH-T970047 Datasheet
179Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com