Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB647 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SB647
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB647 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SB647 Datasheet HTML 1Page - Hitachi Semiconductor 2SB647 Datasheet HTML 2Page - Hitachi Semiconductor 2SB647 Datasheet HTML 3Page - Hitachi Semiconductor 2SB647 Datasheet HTML 4Page - Hitachi Semiconductor 2SB647 Datasheet HTML 5Page - Hitachi Semiconductor 2SB647 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.60 Max
0.5
± 0.1
4.8
± 0.3
3.8
± 0.3
0.5
1.27
2.54
0.65
± 0.1
0.75 Max
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TO-92 Mod
Conforms
0.35 g
Unit: mm


Similar Part No. - 2SB647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB647 RENESAS-2SB647 Datasheet
47Kb / 8P
   Silicon PNP Epitaxial
logo
Unisonic Technologies
2SB647 UTC-2SB647 Datasheet
168Kb / 3P
   SILICON PNP EPITAXIAL
logo
TRANSYS Electronics Lim...
2SB647 TEL-2SB647 Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB647 RENESAS-2SB647 Datasheet
170Kb / 6P
   Silicon PNP Epitaxial
logo
Weitron Technology
2SB647 WEITRON-2SB647 Datasheet
192Kb / 5P
   PNP General Purpose Transistors
More results

Similar Description - 2SB647

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com