Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTT8209E Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GTT8209E
Description  N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GTT8209E Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GTT8209E Datasheet HTML 1Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 2Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 3Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GTT8209E
Page: 1/4
ISSUED DATE :2006/08/08
REVISED DATE :
G
G T
T T
T 88220099E
E
N
N -- C
C H
H A
A N
N N
N E
E L
L E
E N
N H
H A
A N
N C
C E
E M
M E
E N
N T
T M
M O
O D
D E
E P
P O
O W
W E
E R
R M
M O
O S
S F
F E
E T
T
Description
The GTT8209E used advanced trench technology to provide excellent on-resistance extremely efficient and
cost-effectiveness device.
The GTT8209E is universally used for all commercial-industrial applications.
Features
* Lower Gate Charge
*Small Package Outline
*RoHS Compliant
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 MAX.
L
0.45 REF.
A1
0
0.10
L1
0.60 REF.
A2
0.70
1.00
10°
c
0.12 REF.
b
0.30
0.50
D
2.70
3.10
e
0.95 REF.
E
2.60
3.00
e1
1.90 REF.
E1
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current3
ID @TA=25 :
7
A
Continuous Drain Current3
ID @TA=70 :
5.7
A
Pulsed Drain Current1,2
IDM
30
A
Total Power Dissipation
PD @TA=25 :
1.2
W
Linear Derating Factor
0.01
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
110
: /W
BVDSS
20V
RDS(ON)
21m
ID
7A
Pb Free Plating Product


Similar Part No. - GTT8209E

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTT8209E GTM-GTT8209E Datasheet
303Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GTT8209E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GTT6301K ETL-GTT6301K Datasheet
285Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2306A ETL-G2306A Datasheet
333Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2308 ETL-G2308 Datasheet
354Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G1332E ETL-G1332E Datasheet
266Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2304 ETL-G2304 Datasheet
402Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2304A ETL-G2304A Datasheet
374Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2308E ETL-G2308E Datasheet
333Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G3018K ETL-G3018K Datasheet
300Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2N7002K ETL-G2N7002K Datasheet
372Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2310 ETL-G2310 Datasheet
353Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com