Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTT8209E Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GTT8209E
Description  N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GTT8209E Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GTT8209E Datasheet HTML 1Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 2Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 3Page - E-Tech Electronics LTD GTT8209E Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GTT8209E
Page: 2/4
ISSUED DATE :2006/08/08
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.5
-
1.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
24
-
S
VDS=5V, ID=7A
Gate-Source Leakage Current
IGSS
-
-
±10
uA
VGS= ±10V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=16V, VGS=0
Drain-Source Leakage Current(Tj=55 : )
IDSS
-
-
5
uA
VDS=16V, VGS=0
-
-
21
VGS=10V, ID=7.0A
-
-
24
VGS=4.5V, ID=6.6A
-
-
32
VGS=2.5V, ID=5.5A
Static Drain-Source On-Resistance
RDS(ON)
-
-
50
m
VGS=1.8V, ID=2.0A
Total Gate Charge2
Qg
-
9.3
-
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain (“Miller”) Change
Qgd
-
3.6
-
nC
ID=7A
VDS=10V
VGS=4.5V
Turn-on Delay Time2
Td(on)
-
5.7
-
Rise Time
Tr
-
11.5
-
Turn-off Delay Time
Td(off)
-
31.5
-
Fall Time
Tf
-
9.7
-
ns
VDS=10V
VGS=5V
RG=3
RL=1.4
Input Capacitance
Ciss
-
630
Output Capacitance
Coss
-
164
-
Reverse Transfer Capacitance
Crss
-
137
-
pF
VGS=0V
VDS=10V
f=1.0MHz
Gate Resistance
Rg
-
1.5
-
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.0
V
IS=1.0A, VGS=0V
Reverse Recovery Time2
Trr
-
15.2
-
ns
Reverse Recovery Charge
Qrr
-
6.3
-
nC
IS=7A, VGS=0V
dI/dt=100A/ s
Continuous Source Current (Body Diode)
IS
-
-
2.5
A
VD=VG=0V, VS=1.0V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board t 5sec; 180 : /W when mounted on Min. copper pad.


Similar Part No. - GTT8209E

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTT8209E GTM-GTT8209E Datasheet
303Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GTT8209E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GTT6301K ETL-GTT6301K Datasheet
285Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2306A ETL-G2306A Datasheet
333Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2308 ETL-G2308 Datasheet
354Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G1332E ETL-G1332E Datasheet
266Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2304 ETL-G2304 Datasheet
402Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2304A ETL-G2304A Datasheet
374Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2308E ETL-G2308E Datasheet
333Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G3018K ETL-G3018K Datasheet
300Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2N7002K ETL-G2N7002K Datasheet
372Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2310 ETL-G2310 Datasheet
353Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com