Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U16-19-K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B020-U16-19-K
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-U16-19-K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B020-U16-19-K Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-U16-19-K Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-U16-19-K Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-U16-19-K Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-U16-19-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ports
16
Computer/Server Ports
(x16) HD18 (Female)
Daisy-Chain Port
DB25 Male
Firmware Upgrade Port
RJ45
Included Cable (Side A) - Connector
1
HD18 Male
Included Cable (Side B) - Connector
1
HD15 Male
Included Cable (Side B) - Connector
2
PS/2 male
Included Cable (Side B) - Connector
3
PS/2 male
Included Cable (Side B) - Connector
4
USB A Male
Other Ports - Port 1
USB A for Optional USB Mouse connection
Other Ports - Port 2
USB A for Optional Flash Drive connection
Remote Console Port
HD18 Female + Dongle Cable Kit w/VGA, PS2, & USB Females
FEATURES/SPECIFICATIONS
Autoscan (Y,N)
Y
CERTIFICATIONS
Approvals
UL, cUL, CE, FCC, RoHS
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
B019-000
KVM Switch Accessories - 2-Post Rackmount Bracket for B020,B021, B040, and B070 Consoles
and KVM Consoles
1
P778-006
6-ft. KVM Switch USB/PS2 Combo Cable for B020-U08/U16 and B022-U16 KVMs
1
WEXT-KVM-B1
1-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
WEXT-KVM-B2
2-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
WEXT-KVM-B3
3-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
WEXT-KVM-B4
4-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
3 / 4


Similar Part No. - B020-U16-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-U16-19-K TRIPPLITE-B020-U16-19-K Datasheet
175Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com