Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B020-U08-19-K
Description  8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-U08-19-K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B020-U08-19-K Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OSD available in English, Spanish, French, German, and Japanese
Switch ports via on-console pushbuttons, hotkey keyboard commands, or the OSD
Auto scan feature allows for continuous scanning of connected computers
Two level password security (up to four Users and one Administrator)
Supports video resolutions up to 1280 x 1024
Firmware upgradeable
Input Power: 100-240VAC, 50/60Hz, 1A
Power Consumption: 120V, 28.5W / 230V, 29.1W\
Compatible with all major operating systems
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
# Of Users
1
Console
Yes
Port Control
Push Buttons, Hotkeys, OSD
Max CPU
504
PC/Server
PS/2
Unit Dimensions (HWD/in.)
1.75 x 17 x 27
IP Remote Access
No
PHYSICAL
Unit Dimensions (HWD/cm)
4.45 x 43.18 x 68.58
Unit weight (lbs)
30.6
Unit weight (kg)
13.88
Mounting accessories included
Yes
Color
Black
Style
1U Rackmount Console
LCD Monitor (in.)
19
LCD Monitor (cm)
48.26
ENVIRONMENTAL
Storage Temperature Range
-4 Degrees F to 140 degrees F (-20 to +60 C)
Relative Humidity
0 to 80% RH, Non-condensing
Operating Temperature
32 Degrees F to 120 Degrees F (0 to 50 C)
CONNECTIONS
2 / 4


Similar Part No. - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-U08-19-K TRIPPLITE-B020-U08-19-K Datasheet
175Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com