Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B020-U08-19-K
Description  8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-U08-19-K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B020-U08-19-K Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-U08-19-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-Port NetDirector 1U Rackmount Console KVM
Switch w/19" LCD + 8 PS2/USB Combo Cables
MODEL NUMBER: B020-U08-19-K
Description
Tripp Lite's 8-port Console KVM Switch with 19" LCD is the optimal solution for controlling multiple computers
from one keyboard, mouse and monitor. This single unit combines an 8 port KVM switch, keyboard, 19" LCD
monitor and touchpad; all in a mere 1U of rack space. Stores neatly in the rack, pulls out when needed. Control
up to 504 computers from this single console by daisy-chaining additional 16 port KVM switches (model
B022-U16). Easily switch ports using the On-Console push buttons, On Screen Display (OSD) or keyboard hot
key commands. Includes eight, six foot Combo cable kits, which allow connection to either PS/2 or USB
servers...no adapters needed. Includes a console cable kit that plugs into the port on the back of the unit,
providing an extra HD15, (2) USB and (2) PS/2 ports that can be used to connect a Tripp Lite B051-000 IP
Remote Access Unit or an external console. Two USB ports are provided on the front of the unit: One for
attachment of a separate USB mouse, and the other for attachment of USB peripherals, such as a flash drive,
external hard drive, etc. to be shared between connected servers. Compatible with all major operating systems.
Constructed of heavy-duty steel housing.
Features
1U rackmount console with built-in 8-Port KVM switch, 19" LCD screen, keyboard, and touchpad
Includes (x8) P778-Series USB/PS2 Combo KVM Cable Kits
Additional ports are provided for the connection of an external console (PS/2 or USB) or IP remote access unit
(model B051-000)
Features a USB 1.1 port on the LCD panel for the sharing of USB peripherals such as Flash Drives and Card
Readers amongst the connected computers
Features a USB 1.1 port on the keyboard panel for the convenient connection of an external mouse
USB/PS2 combo KVM cable kits allow you to connect to a USB or PS/2 computer without having to purchase
separate cables or adapters
Control up to 504 computers by daisychaining up to 31 additional B022-U16 KVM switches
Daisychain station position is automatically sensed; no need for manual DIP switch settings
OSD available in English, Spanish, French, German, and Japanese
Highlights
1U Rackmount console with
built-in 8-Port KVM switch, 19"
LCD screen, keyboard, and
touchpad
Comes with (x8) 6 ft. USB/PS2
combo KVM cable kits
Supports video resolutions up to
1280 x 1024
Features an additional USB 1.1
port for sharing peripherals
amongst connected computers
OSD available in English,
Spanish, French, German, and
Japanese
Compatible with all major
operating systems
System Requirements
Computer with a HD15 port, and
a USB port or PS/2
keyboard/mouse ports
P778-006 USB/PS2 combo KVM
cable kit is required for each
connected computer/server
Compatible with all major
operating systems
Package Includes
B020-U08-19-K 1U rackmount
console with built-in 8-Port KVM
switch, 19" LCD, keyboard, and
touchpad
(x8) P778-006 6 ft. USB/PS2
combo KVM cable kits
USB/PS2 combo console cable kit
RJ11 to DB9 firmware upgrade
cable
C13 to 5-15P power cord
CD with owner's manual
Quick start guide
Grounding wire
Rackmount hardware
1 / 4


Similar Part No. - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-U08-19-K TRIPPLITE-B020-U08-19-K Datasheet
175Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com