Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B020-016-17-IP
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-016-17-IP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B020-016-17-IP Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Includes a Windows-based log server, providing a more robust method of tracking events on the installation
Built-in monitor supports video resolutions up to 1280 x 1024 @ 75Hz; resolutions up to 1600 x 1200 @ 60Hz are supported when accessing the KVM
from a remote computer
Power Consumption: 120V, 60Hz, 31W; 230V, 50Hz, 39W
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Compatible with all major operating systems
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
# Of Users
1
Console
Yes
Port Control
Push Buttons, Hotkeys, OSD
Max CPU
256
PC/Server
PS/2
Unit Dimensions (HWD/in.)
1.75 x 19 x 27.8
Cat5 KVM Switch
No
IP Remote Access
YES, BUILT IN
INPUT
Recommended Electrical Service
100-250V
Maximum Input Amps (A)
1
PHYSICAL
Unit Dimensions (HWD/cm)
4.45 x 48.26 x 70.61
Unit weight (lbs)
38.1
Unit weight (kg)
17.28
Color
Black
Style
1U Rackmount Console
LCD Monitor (in.)
17
LCD Monitor (cm)
43.18
ENVIRONMENTAL
Storage Temperature Range
-20 to +60 degrees C
Relative Humidity
0% to 80% RH, Non-condensing
Operating Temperature
0 to 40 degrees C
2 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com