Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B020-016-17-IP
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-016-17-IP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B020-016-17-IP Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-016-17-IP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16-Port NetDirector 1U Rackmount Console KVM
Switch w/17" LCD and IP Remote Access
MODEL NUMBER: B020-016-17-IP
Description
The B020-016-17-IP Console KVM Switch with built-in IP access allows secure access to multiple computers
from a single keyboard, monitor and mouse. It consists of an integrated 16-Port IP KVM switch, 17" LCD
monitor, keyboard and touchpad, all in a 1U rackmountable housing. A single B020-016-17-IP can control up to
16 directly connected computers. The number of connected computers can be expanded to up to 256 by
cascading a second level of B022-U16 KVM switches.
The LCD and keyboard/touch pad modules slide independently of each other. To maximize space, the keyboard/touch pad module slides back to "hide away"
when not in use, while the thin profile LCD monitor rotates back flush against the rack allowing convenient monitoring of computer activity.
The B020-016-17-IP features IP-based connectivity that allows one local operator and one remote operator to simultaneously monitor and access the
computers attached to the console. Because it uses TCP/IP for its communications protocol, the B020-016-17-IP can be accessed from any computer on the
LAN, WAN or Internet whether that computer is located down the hall, down the street, or halfway around the world. For Government purchasers,
B020-016-17-IP is Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases. Compatible with all major operating systems.
Constructed of heavy-duty steel housing.
Features
Control up to 16 directly connected computers, or expand the number of computers to up to 256 by cascading additional B022-U16 KVM switches
Remotely access computers via the LAN, WAN, or Internet
Remotely access the KVM via browser or non-browser applications
Both IPv4 and IPv6 are supported
Network interfaces - TCP/IP, HTTP, HTTPS, UDP, RADIUS, DHCP, SSL, ARP, DNS, 10Base-T/100Base-TX, Auto Sense, and Ping
Advanced encryption technologies include 1024-bit RSA, 256-bit AES, 56-bit DES, 128-bit SSL
Supports RADIUS server authentication
Panel array mode - Monitor multiple ports at the same time
Dual-Rail - Slide the keyboard module into the rack while the monitor remains open for viewing.
Dual-Bus - Supports simultaneous access for 1 local and 1 remote user
Highlights
16-Port console KVM switch with
built-in IP access
Both IPv4 and IPv6 are supported
Dual-Rail - Push keyboard in
while the LCD monitor remains
open
Multi-level password security
Control up to 256 computers by
cascading a second level of
B022-U16 KVM switches
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Compatible with all major
operating systems
Package Includes
B020-016-17-IP Console KVM
Switch with built-in IP access
PS/2 KVM Cable Kit
USB KVM Cable Kit
C13 to 5-15P power cord
CD with owner's manual
1 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com