Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B020-016-17
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-016-17 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B020-016-17 Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Local Console Ports - Port 1
HD15 (Female)
Local Console Ports - Port 2
(x2) MiniDIN6 (Female)
CERTIFICATIONS
Approvals
UL, cUL, CE, FCC, RoHS
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
Related Items
Required Products
Model Number
Description
Qty.
P774-006
6-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P774-010
10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P774-015
15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P774-025
25-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P776-006
6-ft. KVM Switch USB (2-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P776-010
10-ft. KVM Switch USB (2-in-1) Cable Kit for B020-008/016 series
B022-016 and B022 desktop series
1
P776-019
19-ft. KVM Switch USB (2-in-1) Cable Kit for B020-008/016 series, B022-016 and B022 desktop
series
1
Optional Products
Model Number
Description
Qty.
B013-330
KVM Switch Accessories - KVM Console Extender Kit
1
B015-000
USB Adapters - USB to PS/2 Adapter
1
B019-000
KVM Switch Accessories - 2-Post Rackmount Bracket for B020,B021, B040, and B070 Consoles
and KVM Consoles
1
B022-U16
KVM Switch - 16-Port NetDirector 1U Rackmount KVM Switch
1
B051-000
KVM Switch Accessories - IP Remote Access Unit
1
WEXT-KVM-B1
1-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
WEXT-KVM-B2
2-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
WEXT-KVM-B3
3-Year Warranty Extension - For select KVM Switches (see specific models for eligibility)
1
3 / 4


Similar Part No. - B020-016-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com