Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B020-016-17
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-016-17 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B020-016-17 Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Consumption: 120V 60Hz 22.8W; 230V 50Hz 24W
Compatible with all major operating systems except Mac and Sun
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
# Of Users
1
Console
Yes
Port Control
Push Buttons, Hotkeys, OSD
Max CPU
512
PC/Server
PS/2
Shipping Weight
47.4 lbs.
Unit Dimensions (HWD/in.)
1.75" x 16.75" x 24"
Cat5 KVM Switch
No
IP Remote Access
No
UPC ASSIGNMENT
Unit Carton UPC#
037332125378
PHYSICAL
Unit Dimensions (HWD/cm)
4.45 x 42.55 x 60.96
Color
Black
Style
1U Rackmount Console
LCD Monitor (in.)
17
LCD Monitor (cm)
43.18
ENVIRONMENTAL
Relative Humidity
0% TO 80% RH
Operating Temperature
32 DEGREES TO 120 DEGREES F
BTUs
(88 BTUs at 120V, 50Hz) / (93 BTUs at 120V, 50Hz)
CONNECTIONS
Ports
16
Computer/Server Ports
(x16) HD15 (Female)
Other Ports
DB25 (Male)
2 / 4


Similar Part No. - B020-016-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com