Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B020-016-17
Description  16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B020-016-17 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B020-016-17 Datasheet HTML 1Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 2Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 3Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 4Page - List of Unclassifed Manufacturers B020-016-17 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16-Port NetDirector 1U Rackmount Console KVM
Switch w/17" LCD
MODEL NUMBER: B020-016-17
Description
Tripp Lite's 16-port Console KVM Switch with 17" LCD is the optimal solution for controlling multiple computers
from one keyboard, mouse and monitor. This single unit combines a 16 port KVM switch, keyboard, 17" LCD
monitor and touchpad; all in a mere 1U of rack space. Stores neatly in the rack, pulls out when needed. Control
up to 512 computers from this single console by daisy-chaining additional B022-016 or B022-U16 16 port KVM
switches. Easily switch ports using the On-Console push buttons, On Screen Display (OSD) or keyboard hot key
commands. Control PS/2 or USB computers/servers using P774-Series (PS/2) and P776-Series (USB) KVM
Cable kits. Includes an extra HD15 and (2) PS/2 ports on the rear of the unit, which allows for connection of a
Tripp Lite B051-000 IP Remote Access Unit or an external console. Compatible with all major operating systems
except Mac and Sun.
Features
Control an entire network in just 1U of rack space
Combines a 16 port KVM switch, 17" LCD screen, keyboard and touchpad in a 1U rackmountable drawer
Control up to 512 computers by daisychaining additional B022-016 or B022-U16 KVM switches
Supports video resolutions up to 1280 x 1024
Switch between ports via pushbuttons, OSD or keyboard hot key commands
Includes autoscan feature
Multi-level password security (administrator/user) to ensure only those with authorization can access
connected computers/servers
Includes additional VGA monitor and PS/2 keyboard/mouse ports, allowing for the connection of an external
console, or a Tripp Lite B051-000 IP Remote Access Unit
Hot pluggable; add or remove computers without having to power down the switch
Auto-sensing of station position on daisy chained installations; no need for manual DIP switch setting, front panel LED indicates station position
Port names automatically reconfigured when station sequence is changed
Firmware upgradeable
Power Consumption: 120V 60Hz 22.8W; 230V 50Hz 24W
Highlights
Control an entire network in just
1U rack space
Combines a 16 port KVM switch,
17" LCD screen, keyboard, and
touchpad in a 1U rackmountable
drawer
Control up to 512 computers by
daisychaining additional
B022-016 or B022-U16 KVM
switches
Supports video resolutions up to
1280 x 1024
Two level password security
(administrator/user)
Compatible with all major
operating systems except Mac
and Sun
System Requirements
PS/2 or USB computer
(1) P774-Series (PS/2) or
P776-Series (USB) KVM Cable
kit is required for each connected
computer/server
Compatible with all major
operating systems except Mac
and Sun
Package Includes
16 Port Console KVM Switch
w/17" LCD
6 ft. PS/2 KVM Cable Kit
6 ft. USB KVM Cable Kit
C13 to 5-15P power cord
RJ11 to DB9 Firmware upgrade
cable
Owners Manual CD
1 / 4


Similar Part No. - B020-016-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com