Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7467 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H7467
Description  Photon Counting Head
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7467 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H7467 Datasheet HTML 1Page - Hamamatsu Corporation H7467 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
Specifications
Product Variations
The H7467 is a photon counting head designed for photon counting by simply
connecting to a PC (personal computer). The H7467 houses a metal package
photomultiplier tube, high-voltage power supply circuit, photon counting cir-
cuit, 20-bit counter and microprocessor in a compact package. Data transfer,
measurement time and other necessary adjustments are controlled by com-
mands from the PC through the RS-232C interface. The photon counting cir-
cuit discrimination level and the high voltage supply for photomultiplier tube
are preadjusted to optimum levels prior to shipment so that the H7467 can be
easily operated by simply supplying +5 V.
Internal CPU/IF
Photon Counting Head H7467
Parameter
H7467
Input Voltage
Max. Input Voltage
Max. Input Current
Effective Area
Peak Sensitivity Wavelength
Count Sensitivity
Count Linearity *1
Dark Count *2
Pulse-pair Resolution
Interface
Gate Time
Operating Ambient Temperature
Storage Temperature
Weight
+4.5 to +5.5
6
180
8
420
1.2
× 105
2.7
× 105
2.2
× 105
2.1
× 104
1.5
× 106
100
500
70
RS-232C, 9600 baud, Parity none, 8 data bit, 1 stop bit
10 to 10 000 (10 Step)
+5 to +40
-20 to +50
120
Unit
V
V
mA
mm
nm
s-1·pW-1
s-1
ns
ms
°C
°C
g
Type No.
H7467
300 nm to 650 nm
Internal photon counting circuit, counter, microprocessor
and RS-232C interface allow control and data transfer by PC.
Spectral Response
Features
*1: Random pulse, at 10 % count loss
*2: After 30 minute storage in darkness
300 nm
400 nm
500 nm
600 nm
Typ.
Max.
s-1


Similar Part No. - H7467

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7468 HAMAMATSU-H7468 Datasheet
96Kb / 2P
Metal Packege PMT with Internal Charge AmpADC Type
H7468-01 HAMAMATSU-H7468-01 Datasheet
96Kb / 2P
Metal Packege PMT with Internal Charge AmpADC Type
H7468-03 HAMAMATSU-H7468-03 Datasheet
96Kb / 2P
Metal Packege PMT with Internal Charge AmpADC Type
H7468-20 HAMAMATSU-H7468-20 Datasheet
96Kb / 2P
Metal Packege PMT with Internal Charge AmpADC Type
More results

Similar Description - H7467

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7360 HAMAMATSU-H7360 Datasheet
81Kb / 2P
Photon Counting Head
H11123 HAMAMATSU-H11123 Datasheet
73Kb / 2P
Photon Counting Head
H7155 HAMAMATSU-H7155 Datasheet
85Kb / 2P
Photon Counting Head
C9744 HAMAMATSU-C9744 Datasheet
119Kb / 2P
PHOTON COUNTING UNIT
C9744 HAMAMATSU-C9744_15 Datasheet
245Kb / 2P
PHOTON COUNTING UNIT
logo
List of Unclassifed Man...
SPCM-AQRH ETC2-SPCM-AQRH Datasheet
931Kb / 15P
Single Photon Counting Module
logo
Hamamatsu Corporation
R3234-1 HAMAMATSU-R3234-1 Datasheet
33Kb / 4P
HIGH-SPEED PHOTON COUNTING PHOTOMULTIPLIER TUBES
C2741-32A HAMAMATSU-C2741-32A Datasheet
50Kb / 2P
PHOTON COUNTING I-CCD VIDEO CAMERA
H7421 HAMAMATSU-H7421 Datasheet
162Kb / 4P
Photo Counting Head
logo
List of Unclassifed Man...
SPCM-AQ4C ETC2-SPCM-AQ4C Datasheet
749Kb / 9P
Single Photon Counting Module 4 Channel Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com