![]() |
Electronic Components Datasheet Search |
|
D121212NXT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
|
D121212NXT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 4 page ![]() 2 2D- D-N NXT XT Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 1 of 4 SELECTION SELECTION GUID GUIDE E Model Number Input Voltage(VDC) Output Voltage (VDC) Output Current (mA) Input Current(mA)(typ.) Reflected Ripple Current (mA,typ.) Max. Capacitive Load(µF) Efficiency (%, typ.) @Max. Load Nominal (Range) Max. Min. @Max. Load @No Load D050505NXT 5(4.5-5.5) 5/5 200/200 20/20 478 32 50 100 82 D050909NXT 5(4.5-5.5) 9/9 112/112 12/12 482 48 42 100 83 D051212NXT 5(4.5-5.5) 12/12 84/84 9/9 483 55 32 100 84 D051515NXT 5(4.5-5.5) 15/15 67/67 7/7 470 29 27 100 85 D120505NXT 12(10.8-13.2) 5/5 200/200 20/20 199 19 25 100 82 D120909NXT 12(10.8-13.2) 9/9 112/112 12/12 200 20 27 100 83 D121212NXT 12(10.8-13.2) 12/12 84/84 9/9 198 18 24 100 84 D121515NXT 12(10.8-13.2) 15/15 67/67 7/7 196 18 25 100 85 Note: The D_NXT-1W series also are available in our company. MODEL MODEL SELECTION SELECTION 2 2D D ①05 05 ②05 05 ③05 05 ④N N ⑤X X ⑥ T T ⑦ ⑦ ① Product Series ② Input Voltage ③ The 1st Output Voltage ④The 2nd Output Voltage ⑤ No Pin ⑥ Fixed Input ⑦ SMD Package MICRODC R ESERVES THE COPYRIGHT 2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER FEATURES FEATURES ◆ Efficiency up to 85% ◆ Twin Independent Output ◆ Small Footprint ◆ SMD Package Styles ◆ No Heatsink Required ◆ 1KVDC Isolation ◆ High Power Density ◆ Temperature Range: -40℃~ +85℃ ◆ No External Component Required ◆ Internal SMD construction ◆ RoHS Compliance APPLICATIONS APPLICATIONS The 2D-NXT series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1)Where the voltage of the input power supply is fixed (voltage variation ≤10%); 2)Where isolation is necessary between input and output (isolation voltage ≤1000VDC); 3)Where the regulation of the output voltage and the output ripple and noise are not demanding. Such as:purely digital circuits,ordinary low frequency analog circuits and IGBT power device driven circuits, etc. ISOLATION ISOLATION SPECIFICATIONS SPECIFICATIONS Item Test Conditions Min. Typ. Max. Units Output Power 0.2 -- 2 W Output Voltage Accuracy See tolerance envelope graph Line Regulation For Vin change of ±1% -- -- ± 1.2 % Load Regulation 10% to 100% load (5V output) -- 12.8 15 % Load Regulation 10% to 100% load (9V output) -- 8.3 10 % Load Regulation 10% to 100% load (12V output) -- 6.8 10 % Load Regulation 10% to 100% load (15V output) -- 6.0 10 % Temperature Drift 100% full load -- -- ± 0.03 %/℃ Ripple & Noise* 20MHz Bandwidth -- 75 150 mVp-p Short Circuit Protection** -- -- 1 S Note: *Test ripple and noise by“Parallel cable”method. See detailed operation instructions at Testing of Power Converter section, application notes. **Supply voltage must be discontinued at the end of short circuit duration. INPUT INPUT SPECIFICATIONS SPECIFICATIONS Item Test Conditions Min. Typ. Max. Units Input Surge Voltage (1sec. max.) 5VDC Input Models -0.7 -- 9 VDC Input Surge Voltage (1sec. max.) 12VDC Input Models -0.7 -- 18 VDC Input Filter C Filter |
Similar Part No. - D121212NXT |
|
Similar Description - D121212NXT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |