Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B749 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # B749
Description  Photon drag detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

B749 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  B749 Datasheet HTML 1Page - Hamamatsu Corporation B749 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B749
Features
l Room temperature operation with high-speed response
l Easy-to-use detector module with amplifier (B7506-01)
is available
Applications
l CO2 laser detection
INFRARED
DETECTOR
Photon drag detector
High-speed detector with high sensitivity in the 10 µm band (for CO2 laser detection)
ACCESSORIES (Optional)
l Magnet stand
A1447
l Infrared detector module with preamp
B7506-01
B749 is a photon drag detector that utilizes the photon drag effect in which carriers created by input photons are dragged in the direction of
photons, generating an electromotive force. B749 ensures high-speed operation even at room temperatures and has high sensitivity in the 10 µm
band, making it well suited to detection of CO2 lasers. An easy-to-use detector module integrated with a preamplifier (B7506-01) is also available.
I General ratings
Parameter
Specification
Unit
Active area
f5
mm
Output polarity
Positive
-
I Absolute maximum ratings
Parameter
Symbol
Value
Unit
Operating temperature
Topr
0 to +60
°C
Storage temperature
Tstg
0 to +60
°C
I Electrical and optical characteristics (T=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photo sensitivity
S
l=10.6 µm
-1.2
-
mV/kW
Rise time
tr
10 to 90 %
-
-
1
ns
Noise equivalent power
NEP
l=10.6 µm
-4 × 10-3
-W/Hz1/2
Output impedance
-
-
50
-
W
Maximum input light level
-
-
1
-
J/cm2


Similar Part No. - B749

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749_15 Datasheet
278Kb / 3P
Photon drag detector
More results

Similar Description - B749

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749_15 Datasheet
278Kb / 3P
Photon drag detector
logo
Molex Electronics Ltd.
69028-0660 MOLEX11-69028-0660 Datasheet
42Kb / 1P
Drag Spring
0690280660 MOLEX-0690280660 Datasheet
18Kb / 1P
Drag Spring
09/12/2022
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
PHOTON COUPLED ISOLATOR
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
PHOTON COUPLED LSOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
PHOTON COUPLED ISOLATOR
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
PHOTON COUPLED ISOLATOR
logo
Hamamatsu Corporation
H7360 HAMAMATSU-H7360 Datasheet
81Kb / 2P
Photon Counting Head
H11123 HAMAMATSU-H11123 Datasheet
73Kb / 2P
Photon Counting Head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com