Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100401180001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100401180001
Description  Messerleiste THR, Powerm. 10mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100401180001 Datasheet(HTML) 1 Page - ERNI Electronics

  100401180001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
0,1 mm
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 220 Stück
Verpackt im Gurt nach DIN IEC 60286-3
Packaging unit: 220 pcs
Index
MSPEED
contact one of the ERNI companies
A3
Class
k
Male Con. THR, Powerm. 10mm
Messerleiste THR, Powerm. 10mm
100401180001
5:1
K
06.02.2014
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
12,15
Ansaughaube
hood
12,15
0,6
8,95
0,5
11
5,85
4,6
0,15
0,8
3,675
1)
1)
Leiterplatten-Layout Vorschlag /
PCB-layout proposal
1) Durchmesser des Bohrers /
Drill tool
3 x 3 =
1
±0,03
0,7
1
±0,03
11
0,9
±0,03
8
4 x 2 =
2
1,5
0,8
3
9
0,6 ±0,05
a1
16
a1
ohne Ansaughaube
without hood
a5
4 x 2 = 8
2


Similar Part No. - 100401180001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100401130001 ERNI-100401130001 Datasheet
52Kb / 1P
M 2,54 SRC-P, 2-polig
More results

Similar Description - 100401180001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
214552 ERNI-214552 Datasheet
85Kb / 1P
Messerleiste SMD, Powerm. 10mm
214918 ERNI-214918 Datasheet
82Kb / 1P
Messerleiste THR, Powerm. 9mm
214916 ERNI-214916 Datasheet
67Kb / 1P
Messerleiste THR, Powerm. 1mm
214919 ERNI-214919 Datasheet
82Kb / 1P
Messerleiste THR, Powerm. 10mm
100100010002 ERNI-100100010002 Datasheet
85Kb / 1P
Messerleiste SMD, Powerm. 10mm
100301530001 ERNI-100301530001 Datasheet
78Kb / 1P
Messerleiste THR, Powerm. 10mm
100601590001 ERNI-100601590001 Datasheet
85Kb / 1P
Messerleiste SMD, Powerm. 10mm
100200630002 ERNI-100200630002 Datasheet
85Kb / 1P
Messerleiste SMD, Powerm. 10mm
DC0000117 ERNI-DC0000117 Datasheet
74Kb / 1P
Federleiste THR, Powerm. 10mm Female Con. THR, Powerm. 10mm
DC0000133 ERNI-DC0000133 Datasheet
82Kb / 1P
Messerleiste THR, Powerm. 10mm Male Con. THR, Powerm. 10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com