![]() |
Electronic Components Datasheet Search |
|
TLV1549C Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TLV1549C Datasheet(HTML) 4 Page - Texas Instruments |
4 / 20 page ![]() TLV1549C, TLV1549I, TLV1549M 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS071C – JANUARY 1993 – REVISED MARCH 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 1. Mode Operation MODES CS NO. OF I/O CLOCKS MSB AT DATA OUT† TIMING DIAGRAM Mode 1 High between conversion cycles 10 CS falling edge Figure 6 Fast Modes Mode 2 Low continuously 10 Within 21 μs Figure 7 Fast Modes Mode 3 High between conversion cycles 11 to 16‡ CS falling edge Figure 8 Mode 4 Low continuously 16‡ Within 21 μs Figure 9 Slow Modes Mode 5 High between conversion cycles 11 to 16‡ CS falling edge Figure 10 Slow Modes Mode 6 Low continuously 16‡ 16th clock falling edge Figure 11 † This timing also initiates serial-interface communication. ‡ No more than 16 clocks should be used. All the modes require a minimum period of 21 μs after the falling edge of the tenth I/O CLOCK before a new transfer sequence can begin. During a serial I/O CLOCK data transfer, CS must be active (low) so that the I/O CLOCK input is enabled. When CS is toggled between data transfers (modes 1, 3, and 5), the transitions at CS are recognized as valid only if the level is maintained for a minimum period of 1.425 μs after the transition. If the transfer is more than ten I/O clocks (modes 3, 4, 5, and 6), the rising edge of the eleventh clock must occur within 9.5 μs after the falling edge of the tenth I/O CLOCK; otherwise, the device could lose synchronization with the host serial interface and CS has to be toggled to restore proper operation. fast modes The device is in a fast mode when the serial I/O CLOCK data transfer is completed within 21 μs from the falling edge of the tenth I/O CLOCK. With a 10-clock serial transfer, the device can only run in a fast mode. mode 1: fast mode, CS inactive (high) between transfers, 10-clock transfer In this mode, CS is inactive (high) between serial I/O-CLOCK transfers and each transfer is ten clocks long. The falling edge of CS begins the sequence by removing DATA OUT from the high-impedance state. The rising edge of CS ends the sequence by returning DATA OUT to the high-impedance state within the specified delay time. Also, the rising edge of CS disables I/O CLOCK within a setup time plus two falling edges of the internal system clock. mode 2: fast mode, CS active (low) continuously, 10-clock transfer In this mode, CS is active (low) between serial I/O-CLOCK transfers and each transfer is ten clocks long. After the initial conversion cycle, CS is held active (low) for subsequent conversions. Within 21 μs after the falling edge of the tenth I/O CLOCK, the MSB of the previous conversion appears at DATA OUT. mode 3: fast mode, CS inactive (high) between transfers, 11- to 16-clock transfer In this mode, CS is inactive (high) between serial I/O-CLOCK transfers and each transfer can be 11 to 16 clocks long. The falling edge of CS begins the sequence by removing DATA OUT from the high-impedance state. The rising edge of CS ends the sequence by returning DATA OUT to the high-impedance state within the specified delay time. Also, the rising edge of CS disables I/O CLOCK within a setup time plus two falling edges of the internal system clock. mode 4: fast mode, CS active (low) continuously, 16-clock transfer In this mode, CS is active (low) between serial I/O-CLOCK transfers and each transfer must be exactly 16 clocks long. After the initial conversion cycle, CS is held active (low) for subsequent conversions. Within 21 μs after the falling edge of the tenth I/O CLOCK, the MSB of the previous conversion appears at DATA OUT. slow modes In a slow mode, the serial I/O CLOCK data transfer is completed after 21 μs from the falling edge of the tenth I/O CLOCK. |
Similar Part No. - TLV1549C_14 |
|
Similar Description - TLV1549C_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |