Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1549C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1549C Datasheet(HTML) 3 Page - Texas Instruments

  TLV1549C_14 Datasheet HTML 1Page - Texas Instruments TLV1549C_14 Datasheet HTML 2Page - Texas Instruments TLV1549C_14 Datasheet HTML 3Page - Texas Instruments TLV1549C_14 Datasheet HTML 4Page - Texas Instruments TLV1549C_14 Datasheet HTML 5Page - Texas Instruments TLV1549C_14 Datasheet HTML 6Page - Texas Instruments TLV1549C_14 Datasheet HTML 7Page - Texas Instruments TLV1549C_14 Datasheet HTML 8Page - Texas Instruments TLV1549C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV1549C, TLV1549I, TLV1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS071C – JANUARY 1993 – REVISED MARCH 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANALOG IN
2
I
Analog input. The driving source impedance should be
≤ 1 kΩ. The external driving source to ANALOG IN should
have a current capability
≥ 10 mA.
CS
5
I
Chip select. A high-to-low transition on CS resets the internal counters and controls and enables DATA OUT and
I/O CLOCK within a maximum of a setup time plus two falling edges of the internal system clock. A low-to-high
transition disables I/O CLOCK within a setup time plus two falling edges of the internal system clock.
DATA OUT
6
O
This 3-state serial output for the A/D conversion result is in the high-impedance state when CS is high and active
when CS is low. With a valid chip select, DATA OUT is removed from the high-impedance state and is driven to
the logic level corresponding to the MSB value of the previous conversion result. The next falling edge of I/O
CLOCK drives DATA OUT to the logic level corresponding to the next most significant bit, and the remaining bits
are shifted out in order with the LSB appearing on the ninth falling edge of I/O CLOCK. On the tenth falling edge
of I/O CLOCK, DATA OUT is driven to a low logic level so that serial interface data transfers of more than ten clocks
produce zeroes as the unused LSBs.
GND
4
I
The ground return for internal circuitry. Unless otherwise noted, all voltage measurements are with respect to GND.
I/O CLOCK
7
I
The input /output clock receives the serial I/O CLOCK input and performs the following three functions:
1) On the third falling edge of I/O CLOCK, the analog input voltage begins charging the capacitor array and
continues to do so until the tenth falling edge of I/O CLOCK.
2) It shifts the nine remaining bits of the previous conversion data out on DATA OUT.
3) It transfers control of the conversion to the internal state controller on the falling edge of the tenth clock.
REF +
1
I
The upper reference voltage value (nominally VCC) is applied to REF+. The maximum input voltage range is
determined by the difference between the voltage applied to REF + and the voltage applied to REF –.
REF –
3
I
The lower reference voltage value (nominally ground) is applied to this REF –.
VCC
8
I
Positive supply voltage
detailed description
With chip select (CS) inactive (high), the I/O CLOCK input is initially disabled and DATA OUT is in the high-
impedance state. When the serial interface takes CS active (low), the conversion sequence begins with the
enabling of I/O CLOCK and the removal of DATA OUT from the high-impedance state. The serial interface then
provides the I/O CLOCK sequence to I/O CLOCK and receives the previous conversion result from DATA OUT.
I/O CLOCK receives an input sequence that is between 10 and 16 clocks long from the host serial interface.
The first ten I/O clocks provide the control timing for sampling the analog input.
There are six basic serial interface timing modes that can be used with the TLV1549. These modes are
determined by the speed of I/O CLOCK and the operation of CS as shown in Table 1. These modes are:
(1) a fast mode with a 10-clock transfer and CS inactive (high) between transfers, (2) a fast mode with a 10-clock
transfer and CS active (low) continuously, (3) a fast mode with an 11- to 16-clock transfer and CS inactive (high)
between transfers, (4) a fast mode with a 16-bit transfer and CS active (low) continuously, (5) a slow mode with
an 11- to 16-clock transfer and CS inactive (high) between transfers, and (6) a slow mode with a 16-clock transfer
and CS active (low) continuously.
The MSB of the previous conversion appears on DATA OUT on the falling edge of CS in mode 1, mode 3, and
mode 5, within 21
μs from the falling edge of the tenth I/O CLOCK in mode 2 and mode 4, and following the
16th clock falling edge in mode 6. The remaining nine bits are shifted out on the next nine falling edges of the
I/O CLOCK. Ten bits of data are transmitted to the host serial interface through DATA OUT. The number of serial
clock pulses used also depends on the mode of operation, but a minimum of ten clock pulses is required for
conversion to begin. On the tenth clock falling edge, the internal logic takes DATA OUT low to ensure that the
remaining bit values are zero if the I/O CLOCK transfer is more than ten clocks long.
Table 1 lists the operational modes with respect to the state of CS, the number of I/O serial transfer clocks that
can be used, and the timing on which the MSB of the previous conversion appears at the output.


Similar Part No. - TLV1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549CD TI-TLV1549CD Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CD TI1-TLV1549CD Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDG4 TI1-TLV1549CDG4 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDR TI1-TLV1549CDR Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDRG4 TI1-TLV1549CDRG4 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLV1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI1-TLC1549C_14 Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com