Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1549C Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1549C Datasheet(HTML) 2 Page - Texas Instruments

  TLV1549C_14 Datasheet HTML 1Page - Texas Instruments TLV1549C_14 Datasheet HTML 2Page - Texas Instruments TLV1549C_14 Datasheet HTML 3Page - Texas Instruments TLV1549C_14 Datasheet HTML 4Page - Texas Instruments TLV1549C_14 Datasheet HTML 5Page - Texas Instruments TLV1549C_14 Datasheet HTML 6Page - Texas Instruments TLV1549C_14 Datasheet HTML 7Page - Texas Instruments TLV1549C_14 Datasheet HTML 8Page - Texas Instruments TLV1549C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLV1549C, TLV1549I, TLV1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS071C – JANUARY 1993 – REVISED MARCH 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
ANALOG IN
ANALOG IN
functional block diagram
Sample and
Hold
10-Bit
Analog-to-Digital
Converter
(switched capacitors)
Output
Data
Register
10-to-1 Data
Selector and
Driver
System Clock,
Control Logic,
and I/O
Counters
10
10
4
REF +
REF –
DATA OUT
ANALOG IN
3
1
6
7
5
I/O CLOCK
CS
2
Terminal numbers shown are for the D, JG, and P packages only.


Similar Part No. - TLV1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549CD TI-TLV1549CD Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CD TI1-TLV1549CD Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDG4 TI1-TLV1549CDG4 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDR TI1-TLV1549CDR Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549CDRG4 TI1-TLV1549CDRG4 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLV1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI1-TLC1549C_14 Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com