Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1549C Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1549C Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC1549C_14 Datasheet HTML 8Page - Texas Instruments TLC1549C_14 Datasheet HTML 9Page - Texas Instruments TLC1549C_14 Datasheet HTML 10Page - Texas Instruments TLC1549C_14 Datasheet HTML 11Page - Texas Instruments TLC1549C_14 Datasheet HTML 12Page - Texas Instruments TLC1549C_14 Datasheet HTML 13Page - Texas Instruments TLC1549C_14 Datasheet HTML 14Page - Texas Instruments TLC1549C_14 Datasheet HTML 15Page - Texas Instruments TLC1549C_14 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TLC1549C, TLC1549I, TLC1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS059C – DECEMBER 1992 – REVISED MARCH 1995
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Sample Cycle B
A/D Conversion
Interval
(
≤ 21 µs)
Initialize
MSB
LSB
Previous Conversion Data
B9
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Low Level
1
2
3
4
567
8
9
10
1
I/O
CLOCK
DATA
OUT
CS
Initialize
Must Be High on Power Up
14
15
16
See Note C
(see Note A)
Figure 9. Timing for 16-Clock Transfer Not Using CS (Serial Transfer Completed Within 21
µs)
Sample Cycle B
Conversion
Interval
Initialize
MSB
LSB
Previous Conversion Data
B9
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
12
3
4
5
6
7
8
9
10
1
I/O
CLOCK
DATA
OUT
CS
Initialize
11
Hi-Z State
16
Low
Level
(see Note A)
(
≤ 21 µs)
A/D
See Note B
Figure 10. Timing for 11- to 16-Clock Transfer Using CS (Serial Transfer Completed After 21
µs)
Sample Cycle B
A/D Conversion Interval
Initialize
MSB
LSB
Previous Conversion Data
B9
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
12
3
4
5
6
7
8
9
10
1
I/O
CLOCK
DATA
OUT
CS
Must Be High on Power Up
14
15
16
See Note C
See Note B
Low Level
(see Note A)
(
≤ 21 µs)
Figure 11. Timing for 16-Clock Transfer Not Using CS (Serial Transfer Completed After 21
µs)
NOTES: A. To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system
clock after CS
↓ before responding to the I/O CLOCK. No attempt should be made to clock out the data until the minimum CS setup
time has elapsed.
B. A low-to-high transition of CS disables I/O CLOCK within a maximum of a setup time plus two falling edges of the internal system
clock.
C. The first I/O CLOCK must occur after the end of the previous conversion.


Similar Part No. - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549CD TI-TLC1549CD Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CD TI1-TLC1549CD Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDG4 TI1-TLC1549CDG4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDR TI1-TLC1549CDR Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDRG4 TI1-TLC1549CDRG4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com