Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1549C Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1549C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC1549C_14 Datasheet HTML 6Page - Texas Instruments TLC1549C_14 Datasheet HTML 7Page - Texas Instruments TLC1549C_14 Datasheet HTML 8Page - Texas Instruments TLC1549C_14 Datasheet HTML 9Page - Texas Instruments TLC1549C_14 Datasheet HTML 10Page - Texas Instruments TLC1549C_14 Datasheet HTML 11Page - Texas Instruments TLC1549C_14 Datasheet HTML 12Page - Texas Instruments TLC1549C_14 Datasheet HTML 13Page - Texas Instruments TLC1549C_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLC1549C, TLC1549I, TLC1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS059C – DECEMBER 1992 – REVISED MARCH 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
DATA OUT
CL = 100 pF
12 k
Test Point
VCC
RL = 2.18 kΩ
Figure 2. Load Circuit
CS
DATA
OUT
2.4 V
0.4 V
90%
10%
tPZH, tPZL
tPHZ, tPLZ
0.8 V
2 V
Figure 3. DATA OUT to Hi-Z Voltage Waveforms
Last
Clock
CS
0.8 V
2 V
0.8 V
tsu(CS)
0.8 V
I/O CLOCK
th(CS)
First
Clock
Figure 4. CS to I/O CLOCK Voltage Waveforms
0.4 V
2.4 V
0.4 V
2.4 V
2 V
0.8 V
I/O CLOCK
DATA OUT
tt(I/O)
0.8 V
2 V
tr(bus), tf(bus)
td(I/O-DATA)
tv
I/O CLOCK Period
tt(I/O)
0.8 V
Figure 5. I/O CLOCK and DATA OUT Voltage Waveforms


Similar Part No. - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549CD TI-TLC1549CD Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CD TI1-TLC1549CD Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDG4 TI1-TLC1549CDG4 Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDR TI1-TLC1549CDR Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDRG4 TI1-TLC1549CDRG4 Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com