Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1549C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC1549C
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1549C Datasheet(HTML) 1 Page - Texas Instruments

  TLC1549C_14 Datasheet HTML 1Page - Texas Instruments TLC1549C_14 Datasheet HTML 2Page - Texas Instruments TLC1549C_14 Datasheet HTML 3Page - Texas Instruments TLC1549C_14 Datasheet HTML 4Page - Texas Instruments TLC1549C_14 Datasheet HTML 5Page - Texas Instruments TLC1549C_14 Datasheet HTML 6Page - Texas Instruments TLC1549C_14 Datasheet HTML 7Page - Texas Instruments TLC1549C_14 Datasheet HTML 8Page - Texas Instruments TLC1549C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLC1549C, TLC1549I, TLC1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS059C – DECEMBER 1992 – REVISED MARCH 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 10-Bit-Resolution A/D Converter
D Inherent Sample and Hold
D Total Unadjusted Error... ±1 LSB Max
D On-Chip System Clock
D Terminal Compatible With TLC549 and
TLV1549
D CMOS Technology
description
The TLC1549C, TLC1549I, and TLC1549M
are
10-bit,
switched-capacitor,
successive-
approximation
analog-to-digital
converters.
These devices have two digital inputs and a
3-state output [chip select (CS), input-output clock
(I/O CLOCK), and data output (DATA OUT)] that
provide a three-wire interface to the serial port of
a host processor.
The sample-and-hold function is automatic. The
converter incorporated in these devices features
differential high-impedance reference inputs that
facilitate ratiometric conversion, scaling, and
isolation of analog circuitry from logic and supply
noise. A switched-capacitor design allows low-
error conversion over the full operating free-air
temperature range.
The TLC1549C is characterized for operation from 0
°C to 70°C. The TLC1549I is characterized for operation
from – 40
°C to 85°C. The TLC1549M is characterized for operation over the full military temperature range of
–55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
0
°C to 70°C
TLC1549CD
TLC1549CP
–40
°C to 85°C
TLC1549ID
TLC1549IP
–55
°C to 125°C
TLC1549MFK
TLC1549MJG
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
REF +
ANALOG IN
REF –
GND
VCC
I/O CLOCK
DATA OUT
CS
D, JG, OR P PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
I/O CLOCK
NC
DATA OUT
NC
NC
ANALOG IN
NC
REF–
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1549CD TI-TLC1549CD Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CD TI1-TLC1549CD Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDG4 TI1-TLC1549CDG4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDR TI1-TLC1549CDR Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549CDRG4 TI1-TLC1549CDRG4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC1549C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549 TI1-TLV1549 Datasheet
596Kb / 19P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com