![]() |
Electronic Components Datasheet Search |
|
TLC0834C Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TLC0834C Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page ![]() TLC0834C, TLC0834I, TLC0838C, TLC0838I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS094E – MARCH 1995 – REVISED OCTOBER 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 8-Bit Resolution D Easy Microprocessor Interface or Stand-Alone Operation D Operates Ratiometrically or With 5-V Reference D 4- or 8-Channel Multiplexer Options With Address Logic D Input Range 0 to 5 V With Single 5-V Supply D Remote Operation With Serial Data Link D Inputs and Outputs Are Compatible With TTL and MOS D Conversion Time of 32 µs at fclock = 250 kHz D Functionally Equivalent to the ADC0834 and ADC0838 Without the Internal Zener Regulator Network D Total Unadjusted Error . . . ±1 LSB description These devices are 8-bit successive- approximation analog-to-digital converters, each with an input-configurable multichannel multiplexer and serial input/output. The serial input/ output is configured to interface with standard shift registers or microprocessors. Detailed information on interfacing with most popular microprocessors is readily available from the factory. The TLC0834 (4-channel) and TLC0838 (8-channel) multiplexer is software-configured for single-ended or differential inputs as well as pseudodifferential input assignments. The differential analog voltage input allows for common-mode rejection or offset of the analog zero input voltage value. In addition, the voltage reference input can be adjusted to allow encoding of any smaller analog voltage span to the full 8 bits of resolution. The TLC0834C and TLC0838C are characterized for operation from 0 °C to 70°C. The TLC0834I and TLC0838I are characterized for operation from – 40 °C to 85°C. The TLC0834Q is characterized for operation from –40°C to 125 °C. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC CS CH0 CH1 CH2 CH3 DGTL GND VCC DI CLK SARS DO REF ANLG GND TLC0834 ...D OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC CS CH0 CH1 CH2 CH3 DGTL GND NC VCC NC CS SARS DO REF ANLG GND NC TLC0834 ...PW PACKAGE (TOP VIEW) NC – No internal connection 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGTL GND VCC NC CS DI CLK SARS DO SE REF ANLG GND TLC0838 ...PW, DW, OR N PACKAGE (TOP VIEW) AVAILABLE OPTIONS PACKAGE TA SMALL OUTLINE (D) SMALL OUTLINE (DW) PLASTIC DIP (N) TSSOP (PW) 0 °C to 70°C TLC0834CD TLC0838CDW TLC0834CN TLC0838CN TLC0834CPW TLC0838CPW –40 °C to 85°C TLC0834ID TLC0838IDW TLC0834IN TLC0838IN TLC0834IPW TLC0838IPW –40 °C to 125°C — — TLC0834QN — — Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2000, Texas Instruments Incorporated |
Similar Part No. - TLC0834C_14 |
|
Similar Description - TLC0834C_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |