Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34-PP27U12B2 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-PP27U12B2
Description  DENOTES CRITICAL PARAMETER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-PP27U12B2 Datasheet(HTML) 1 Page - E-SWITCH

  34-PP27U12B2 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PP2-7U1-2B2
3/4:1
4/26/2012
34-PP27U12B2
C
rc
1
1
E-Switch INC.
1
3 5
64
2
POSITION 3 (PULL)
POSITION 1 (NORMAL)
POSITION 2 (PUSH)
PANEL CUTOUT
3
1
SCHEMATIC
5
6
4 2
A
20574
New Release
4/26/12
rc
10.67
[.420 in]
5.09
[.200 in]
5.33
[.210 in]
12.33
[.485 in]
5.33
[.210 in]
5.09
[.200 in]
CONSTRUCTION DETAIL
TERMS: 1 & 2
CONSTRUCTION DETAIL
TERMS: 3, 4, 5, 6
10.67
[.420 in]
10.67
[.420 in]
6.35
[.250 in]
4.75
[.187 in]
6.10
[.240 in]
n1.30
[.051 in]
3.18
[.125 in]
SWITCH HOUSING
SWITCH HOUSING
10.67
[.420 in]
11.0° `3°
11.0° `3°
18.1
[.713 in]
FREE
POSITION
6.35
[.250 in]
15.5
[.610 in]
OPERATING
POSITION
23.8
[.935 in]
OPERATING
POSITION
17.00
[.669 in]
39.80
[1.567 in]
8.50
[.335 in]
Ø
2.00
[.079 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY
4. ELECTRICAL LIFE: 6,000 CYCLES
5. OPERATING TEMP: 0°C TO 85°C
6. CONTACT RESISTANCE: 10m
MAX. INITIAL
7. 2002/95/EC (ROHS) COMPLIANT
8. CONTACT RATING:
UL APPROVED: 10R(4)A 277VAC 5E4
9. MATERIALS:
-BODY AND ACTUATOR: POLYAMIDE 6/6 (PA66)
-SPRING: STEEL (65Mn)
-SPRING POLE: POLYAMIDE 6/6 (PA66)
-HOOK SPRING: STAINLESS STEEL (1Cr13)
- ACTUATION LEVER: BRASS (H62)
-MOBILE CONTACT BAR: SILVER PLATED COPPER
-MOBILE CONTACT: SILVER/NICKEL (AgNi (10))
-STATIONARY CONTACT: SILVER/NICKEL CLAD COPPER
(AgNi (10)/Cu)
-TERMINALS: SILVER PLATED BRASS (H62)
10. PLASTIC COLOR: WHITE (BODY AND ACTUATOR)
11.
DENOTES CRITICAL PARAMETER
12.4
[.488 in]
MAX.
TRAVEL
13.50 -.00
.20
+
.531 - .000
.008
+
in
[]
36.50 - .00
.50
+
1.437 -.000
.020
+
in
[]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
(ON)
ON
ON
1-3, 4-2
1-5, 6-2
1-5, 6-2
(ON)=MOMENTARY
6.35
[.250 in]
.50
[.020 in]
13.00
[.512 in]
B
20655
chg title from PP2-7UX-2B2
6/21/12
rc
C
20661
Add Notes 8,9,10.
6/26/12
rc


Similar Part No. - 34-PP27U12B2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP27H12D2 E-SWITCH-34-PP27H12D2 Datasheet
65Kb / 1P
   10R(4)A 277VAC 5E4
More results

Similar Description - 34-PP27U12B2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
logo
Fairchild Semiconductor
1N4736AT FAIRCHILD-1N4736AT Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
TEKTRONIX, INC.
4200A-SCS TEKTRONIX-4200A-SCS Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com