Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOS-600 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # NOS-600
Description  NON/NOS, 600/250Vac Class K5 H
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

NOS-600 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  NOS-600 Datasheet HTML 1Page - Cooper Bussmann, Inc. NOS-600 Datasheet HTML 2Page - Cooper Bussmann, Inc. NOS-600 Datasheet HTML 3Page - Cooper Bussmann, Inc. NOS-600 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0713
BU-SB13738
Page 2 of 4
Data Sheet # 1030
NON/NOS, 600/250Vac Class K5 & H
Time-Current Curves - Average Melt
300
100
10
1
0.1
0.01
CURRENT IN AMPS
AMP RATING
NON (250V) 18-600A, General Purpose Fuses


Similar Part No. - NOS-600

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
NOS-600 EATON-NOS-600 Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
More results

Similar Description - NOS-600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Marathon Special Produc...
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com