Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF72-10D15 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MF72-10D15
Description  Power NTC Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF72-10D15 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MF72-10D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902 • E-mail: sales@cantherm.com
Website: www.cantherm.com | Division of Microtherm
2012/Nov MF72
C
US
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120 VAC
240VAC
MF72-8D13
8
4
0.194
15
60
1320
330
MF72-10D13
10
4
0.206
15
65
1320
330
MF72-12D13
12
3
0.316
16
65
1320
330
MF72-15D13
15
3
0.335
16
60
1320
330
MF72-16D13
16
3
0.338
16
60
1320
330
MF72-20D13
20
3
0.372
16
65
1320
330
MF72-30D13
30
2.5
0.517
16
65
1320
330
MF72-47D13
47
2
0.810
17
65
880
220
MF72-120D13
120
1.2
2.124
16
65
880
220
MF72-1.3D15
1.3
8
0.048
18
68
1320
330
MF72-1.5D15
1.5
8
0.052
19
69
1320
330
MF72-3D15
3
7
0.075
18
76
1320
330
MF72-5D15
5
6
0.112
20
76
1880
470
MF72-6D15
6
5
0.155
20
80
1880
470
MF72-7D15
7
5
0.173
20
80
1880
470
MF72-8D15
8
5
0.178
20
80
1880
470
MF72-10D15
10
5
0.180
20
75
1880
470
MF72-12D15
12
4
0.250
20
75
1880
470
MF72-15D15
15
4
0.268
21
85
1880
470
MF72-16D15
16
4
0.276
21
70
1880
470
MF72-20D15
20
4
0.288
17
86
1880
470
MF72-30D15
30
3.5
0.438
18
75
1320
330
Operating Temperature: -55 to 200ºC
MF72-0.7D25
0.7
12
0.014
30
120
2240
560
MF72-1.5D25
1.5
10
0.027
30
121
2240
560
MF72-3D25
3
9
0.044
32
124
2240
560
MF72-5D25
5
8
0.070
32
125
2720
680
MF72-8D25
8
7
0.114
33
125
2720
680
MF72-10D25
10
7
0.130
32
125
2720
680
MF72-12D25
12
6
0.156
32
126
3280
820
MF72-16D25
16
6
0.160
35
126
3280
820
Note: Unless otherwise specified, the allowable tolerance of R25 is +/- 20%
Specifications may change without notice.
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120VAC
240 VAC
MF72-47D15
47
3
0.680
21
86
1320
330
MF72-120D15
120
1.8
1.652
22
87
1320
330
MF72-0.7D20
0.7
11
0.018
25
89
1880
470
MF72-1.3D20
1.3
9
0.037
24
88
1880
470
MF72-3D20
3
8
0.055
24
88
1880
470
MF72-5D20
5
7
0.087
23
87
2240
560
MF72-6D20
6
6
0.113
25
103
2240
560
MF72-8D20
8
6
0.142
25
105
2240
560
MF72-10D20
10
6
0.162
24
102
2240
560
MF72-12D20
12
5
0.195
24
100
2720
680
MF72-16D20
16
5
0.212
25
100
2720
680
Main Techno-Parameter (cont.)


Similar Part No. - MF72-10D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF72-D11 ETC2-MF72-D11 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D13 ETC2-MF72-D13 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D15 ETC2-MF72-D15 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D20 ETC2-MF72-D20 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D25 ETC2-MF72-D25 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
More results

Similar Description - MF72-10D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CANTHERM_MF72 ETC2-CANTHERM_MF72 Datasheet
758Kb / 4P
   Power NTC Thermistor
MF72-D5 ETC2-MF72-D5 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com