Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF72-10D15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MF72-10D15
Description  Power NTC Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF72-10D15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MF72-10D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF72-10D15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120VAC
240 VAC
MF72-5D5
5
1
0.353
6
20
188
47
MF72-10D5
10
0.7
0.771
6
20
188
47
MF72-60D5
60
0.3
1.878
6
18
188
47
MF72-200D5
200
0.1
18.70
6
18
88
22
MF72-5D7
5
2
0.283
10
30
224
56
MF72-8D7
8
1
0.539
9
28
224
56
MF72-10D7
10
1
0.616
9
27
224
56
MF72-12D7
12
1
0.816
9
27
224
56
MF72-16D7
16
0.7
1.003
9
27
224
56
MF72-22D7
22
0.6
1.108
9
27
224
56
MF72-33D7
33
0.5
1.485
10
28
188
47
MF72-200D7
200
0.2
11.65
11
28
188
47
MF72-3D9
3
4
0.120
11
35
272
68
MF72-4D9
4
3
0.190
11
35
272
68
MF72-5D9
5
3
0.210
11
34
272
68
MF72-6D9
6
2
0.315
11
34
272
68
MF72-8D9
8
2
0.400
11
32
400
100
MF72-10D9
10
2
0.458
11
32
400
100
MF72-12D9
12
1
0.652
11
32
400
100
MF72-16D9
16
1
0.802
11
31
400
100
MF72-20D9
20
1
0.864
11
30
600
150
MF72-22D9
22
1
0.950
11
30
600
150
MF72-30D9
30
1
1.022
11
30
600
150
MF72-33D9
33
1
1.124
11
30
600
150
MF72-50D9
50
1
1.252
11
30
600
150
MF72-60D9
60
0.8
1.502
11
30
600
150
MF72-80D9
80
0.8
2.010
11
30
272
68
Application
Can be installed into the power circuits of:
• Power supplies and inverters
• Uninterruptible Power Supplies
• Energy saving lamps
• Electronic Ballasts
• Filament Protection of various types of lamps
• Some types of heaters
• For higher power circuits ask about the MF73
and MF74 series surge suppressors.
Characteristics
• Small Size and fast response
• High Power handling capability
• Fast response to surge current
• High material constant (B value)
• Low residual resistance
• Wide operating temperature range -55 to +200C
• R25 allowable tolerance is ±20%
• Long-term Stability and Reliability
• UL 1434 File# E241319
• CQC File# 04001010556
Main Techno-Parameter
Operating Temperature: -55 to 200ºC
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120VAC
240 VAC
MF72-120D9
120
0.8
3.015
11
30
272
68
MF72-200D9
200
0.5
5.007
11
32
188
47
MF72-400D9
400
0.2
30.30
11
32
188
47
MF72-2.5D11
2.5
5
0.095
13
43
600
150
MF72-3D11
3
5
0.100
13
43
600
150
MF72-4D11
4
4
0.150
13
44
600
150
MF72-5D11
5
4
0.156
13
45
600
150
MF72-6D11
6
3
0.240
13
45
880
220
MF72-8D11
8
3
0.255
14
47
880
220
MF72-10D11
10
3
0.275
14
47
880
220
MF72-12D11
12
2
0.462
14
48
880
220
MF72-16D11
16
2
0.470
14
50
880
220
MF72-20D11
20
2
0.512
15
52
880
220
MF72-22D11
22
2
0.563
15
52
880
220
MF72-30D11
30
1.5
0.667
15
52
880
220
MF72-33D11
33
1.5
0.734
15
52
880
220
MF72-50D11
50
1.5
1.021
15
52
880
220
MF72-60D11
60
1.5
1.215
15
52
880
220
MF72-80D11
80
1.2
1.656
15
52
600
150
MF72-1.3D13
1.3
7
0.062
13
60
880
220
MF72-1.5D13
1.5
7
0.073
13
60
880
220
MF72-2.5D13
2.5
6
0.088
13
60
880
220
MF72-3D13
3
6
0.092
14
60
880
220
MF72-4D13
4
5
0.120
15
67
880
220
MF72-5D13
5
5
0.125
15
68
880
220
MF72-6D13
6
4
0.170
15
65
880
220
MF72-7D13
7
4
0.188
15
65
1320
330


Similar Part No. - MF72-10D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF72-D11 ETC2-MF72-D11 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D13 ETC2-MF72-D13 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D15 ETC2-MF72-D15 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D20 ETC2-MF72-D20 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
MF72-D25 ETC2-MF72-D25 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
More results

Similar Description - MF72-10D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CANTHERM_MF72 ETC2-CANTHERM_MF72 Datasheet
758Kb / 4P
   Power NTC Thermistor
MF72-D5 ETC2-MF72-D5 Datasheet
981Kb / 6P
   MF72 Power NTC Thermistor
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
   NTC Chip Thermistor
2019/12/24
logo
Abracon Corporation
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
   Chip NTC Thermistor
05.05.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com