Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14C12NJV4T Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # L-14C12NJV4T
Description  RF CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-14C12NJV4T Datasheet(HTML) 1 Page - Johanson Technology Inc.

  L-14C12NJV4T Datasheet HTML 1Page - Johanson Technology Inc. L-14C12NJV4T Datasheet HTML 2Page - Johanson Technology Inc. L-14C12NJV4T Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19
www.johansontechnology.com
www.johansontechnology.com
High frequency multi-layer chip inductors feature a monolithic body
made of low loss ceramic and high conductivity metal electrodes to
achieve optimal high frequency performance.
These RF chip inductors are compact in size and feature lead-free tin
plated nickel barrier terminations and tape and reel packaging which
makes them ideal for small size/high volume wireless applications.
Polarity Half-Marked Inductors (0201 only)
RF CERAMIC CHIP INDUCTORS
appliCaTionS & FeaTuReS
• CELL/PCS Modules
• Wireless LAN
• Broadband Components
• RFID
• RF Tranceivers
• RoHS Compliant (Standard, “V” Code)
• Sn/Pb Terminations Optional (“T” Code)
HOW TO ORDER
Part number written: L-07C10NJV6T
DEVICE
Inductor
L-
SIZE
05 = 0201
07 = 0402
14 = 0603
07
TYPE
B = Polarity
Half-Marked
(all 0201)
C = 0402 and
0603 (see
“Marking”)
C
VALUE
See Table
10N
TOLERANCE
C = ± 0.2 nH
≤ 1.0 nH
S = ± 0.3 nH
1.0 to 5.6 nH
J = ± 5%
6.8 nH and above
K = ± 10%
3.3 nH and above
J
MARKING
4 = No Marking
(all 0603)
6 = Orientation
Mark
(all 0201 and 0402*)
6
TERMINATION
V =
Ni/Sn
T = Ni / SnPb
V
PACKAGING
Tape and Reel
Size
Code
Tape
Reel
Qty
0201
T
Paper
7”
15,000
0402
T
Paper
7”
10,000
0603
T
Paper
7”
4,000
Bulk (Loose Pcs.)
Size
Code
All
S
T
pRoDuCT Range SummaRy
EIA SIZE (mm)
SIZE CODE
L RANGE
Q FACTOR (Min.)
SRF (Typ.)
TEMPERATURE
0201 (0603)
L-05
0.6 - 39 nH
4 (100 MHz)
>21 GHz (1.0 nH)
-40°C to +100°C
0402 (1005)
L-07
1.0 - 120 nH
8 (100 MHz)
>21 GHz (1.0 nH)
-40°C to +100°C
0603 (1608)
L-14
1.0 - 220 nH
12 (100 MHz)
>23 GHz (1.0 nH)
-40°C to +100°C
MECHANICAL CHARACTERISTICS
0201 (0603)
Inches
mm
.024 ±.001” (0.6 ±0.03)
.012 ±.001” (0.3 ±0.03)
.012 ±.001” (0.3 ±0.03)
.006 ±.002” (0.15 ±0.05)
0402 (1005)
Inches
mm
.039 ±.004” (1.00 ±.10)
.020 ±.004” (0.50 ±.10)
.020 ±.004” (0.50 ±.10)
.009 ±.004” (0.23 ±.10)
0603 (1608)
Inches
mm
.063 ±.006” (1.60 ±.15)
.031 ±.006” (0.80 ±.15)
.031 ±.006” (0.80 ±.15)
.012 ±.008” (0.30 ±.20)
Length
Width
Thickness
End Band
T
L
W
E/B
T
L
W
E/B
*Please note that all 0402 inductors (L-07C) have orientation full marking only.
Orientation Full Marking (all 0402)


Similar Part No. - L-14C12NJV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14C12NV4T JOHANSON-L-14C12NV4T Datasheet
317Kb / 5P
RF CERAMIC CHIP INDUCTORS
L-14C12NV4T JOHANSON-L-14C12NV4T Datasheet
317Kb / 5P
RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-14C12NJV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
RF ceRaMic chiP inDUcToRs
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
CERAMIC RF CHIP INDUCTORS
WC705 PULSE-WC705 Datasheet
614Kb / 3P
CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
CERAMIC RF CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com