Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14C12NJV4T Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # L-14C12NJV4T
Description  RF CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-14C12NJV4T Datasheet(HTML) 3 Page - Johanson Technology Inc.

  L-14C12NJV4T Datasheet HTML 1Page - Johanson Technology Inc. L-14C12NJV4T Datasheet HTML 2Page - Johanson Technology Inc. L-14C12NJV4T Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
21
www.johansontechnology.com
www.johansontechnology.com
1.0
10
100
500
0.01
0.1
1.0
10
Frequency (GHz)
47N
27N
15N
6N8
3N3
1N5
INDUCTANCE VS FREQUENCY: SIZE 0402
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
1N5
3N3
6N8
15N
47N
27N
Q VS FREQUENCY: SIZE 0402
Frequency (GHz)
RF CHaRaCTeRiSTiCS CHaRaCTeRiSTiCS (TypiCal)
1
10
100
11000
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
INDUCTANCE VS FREQUENCY: SIZE 0201
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
INDUCTANCE VS FREQUENCY: SIZE 0603
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
Q VS FREQUENCY: SIZE 0603
Frequency (GHz)
0
20
40
60
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
0
20
40
60
0.01
0.1
1
10
10
1N5
3N3
6N8
10N
22N
33N
Frequency (GHz)
Q VS FREQUENCY: SIZE 0201
0
20
40
60
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
0
20
40
60
0.01
0.1
1
10
10
1N5
3N3
6N8
10N
22N
33N
Frequency (GHz)


Similar Part No. - L-14C12NJV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14C12NV4T JOHANSON-L-14C12NV4T Datasheet
317Kb / 5P
RF CERAMIC CHIP INDUCTORS
L-14C12NV4T JOHANSON-L-14C12NV4T Datasheet
317Kb / 5P
RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-14C12NJV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
RF ceRaMic chiP inDUcToRs
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
CERAMIC RF CHIP INDUCTORS
WC705 PULSE-WC705 Datasheet
614Kb / 3P
CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
RF CERAMIC CHIP INDUCTORS
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
CERAMIC RF CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com