Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2669 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 2669
Description  Its a complete tool kit that fits in your palm.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2669 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 2669 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 11Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 12Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 13Page - List of Unclassifed Manufacturers 2669 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SoHo Cable-Check™ quickly and easily tests RJ45 and cable TV “F” smart home
installations. It works on installed cable runs and patch cords to test continuity and
identify good connections, open and shorts. Includes patch cords, 75-ohm male “F”
terminator, “F” female adapter, battery and carrying case.
P/N 1578
1578
Data/Link ID and Cable-Check™ is a multi-
purpose continuity tester and network identifier.
Cable-Check maps cable for both data and
telephone connection schemes.
The Data/Link ID identifies
data and link transmission
speeds along with PC and
Hub transmissions and link
pulses. Carrying case, patch
cords and batteries included.
P/N 1576
Test
PC Cable-Check™ Pro – This powerful troubleshooting tool maps
the pin-out, detects good connections and any opens, shorts or crosses
in the cable. It now tests over 20 different patch cables including: LAN
& telephone, Serial, coax, USB, VGA, Mini-USB, S-video, FireWire, PS/2
keyboard and parallel printer. It now features auto test or manual
modes and auto-off to extend the battery life. The case is more
rugged, has a built-in handle for easy transport and includes rubber
feet to grip to desk or bench to prevent slipping. 9V battery included.
P/N 1577
1576
1577
1573
Tone Generator and Tone Probe Plus Cable-Check™ is a combination
RJ45 LAN tester and tone generator and tone probe cable tracer. It maps the
cable and identifies connector and cable pin-out. The unit also provides full-
range continuity testing, line condition, signal tracing and wire identification.
Carrying case and patch cords included.
P/N 1573
10


Similar Part No. - 2669

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
More results

Similar Description - 2669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1555 ETC2-PA1555 Datasheet
1Mb / 16P
   It?셲 a complete tool kit that fits in your palm.
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
   The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
   The Shape that Fits the Future
logo
Molex Electronics Ltd.
0198082012 MOLEX-0198082012 Datasheet
37Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
11/02/2021
0198082022 MOLEX-0198082022 Datasheet
43Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
0192870068 MOLEX-0192870068 Datasheet
29Kb / 1P
   ASP Perishable Tool Kit used in ASP Press that Processes Metal Strip Product
02/09/2017
0190270123 MOLEX-0190270123 Datasheet
34Kb / 1P
   ATP Perishable Tool Kit used in ATP presses that process product on tape
01/25/2022
0190270091 MOLEX-0190270091 Datasheet
32Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tapes
11/02/2021
0190270300 MOLEX-0190270300 Datasheet
39Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com