Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB47393 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB47393
Description  DUAL COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB47393 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB47393 Datasheet HTML 1Page - Fujitsu Component Limited. MB47393 Datasheet HTML 2Page - Fujitsu Component Limited. MB47393 Datasheet HTML 3Page - Fujitsu Component Limited. MB47393 Datasheet HTML 4Page - Fujitsu Component Limited. MB47393 Datasheet HTML 5Page - Fujitsu Component Limited. MB47393 Datasheet HTML 6Page - Fujitsu Component Limited. MB47393 Datasheet HTML 7Page - Fujitsu Component Limited. MB47393 Datasheet HTML 8Page - Fujitsu Component Limited. MB47393 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MB47393
s ELECTRICAL CHARACTERISTICS
(
Ta = 25°C, VCC = 5V)
Notes:
*1: IIN is measured when VI Š 0 and direction of the input current flows from IC. When negative voltage is applied
to input pin, the pin is equivalently connected the GND through a 1k
Ω of resistor.
When low voltage below than –5V is applied, please connect a resistor serially to input pin in order to prevent
the high current flow.
*2: Positive input voltage may exceed the power supply voltage. As long as the other voltage remains in the common-
mode input voltage range, the comparator will provide a proper output state.
When VCC = 5V, your are requested to use VIN below 25V.
s TYPICAL CHARACTERISTIC CURVES
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
VO = VREF = 1.4V
––
2
5
mV
Input Offset Current
IIO
––
––
5
50
nA
Input Bias Current
IIN*1
––
––
25
250
nA
Common-Mode Input Voltage
VCM*2
––
0
––
VCC–1.5
V
Power Supply Current
ICC
RL =
––
2
3
mA
Voltage Gain
AV
RL = 15k
Ω, VCC = 15V
––
200
––
V/mV
Response Time
––
RL = 1k
––
2
––
µs
Output Sink Current
ISINK
VIN(+) = 0, VIN(–) = 1V, VOL ð 1.5V
40
––
––
mA
Output Saturation Voltage
VOL
VIN(+) = 0, VIN(–) = 1V, ISINK = 30mA
––
0.2
0.4
V
Output Leakage Current
ILEAK
VIN(+) = 1V, VIN(–) = 0V, VO = 30V
––
––
1
µA
Figure 2
POWER SUPPLY CURRENT
vs POWER SUPPLY VOLTAGE
Figure 3
OUTPUT SATURATION VOLTAGE
vs OUTPUT SINK CURRENT
TA = –30°C
25°C
75°C
40
20
30
10
40
30
20
10
0
TA = 75°C
10
1
0.1
0.01
0.001
25°C
–30°C


Similar Part No. - MB47393

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB47358 FUJITSU-MB47358 Datasheet
106Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MB47393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com