Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB47393 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB47393
Description  DUAL COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB47393 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB47393 Datasheet HTML 1Page - Fujitsu Component Limited. MB47393 Datasheet HTML 2Page - Fujitsu Component Limited. MB47393 Datasheet HTML 3Page - Fujitsu Component Limited. MB47393 Datasheet HTML 4Page - Fujitsu Component Limited. MB47393 Datasheet HTML 5Page - Fujitsu Component Limited. MB47393 Datasheet HTML 6Page - Fujitsu Component Limited. MB47393 Datasheet HTML 7Page - Fujitsu Component Limited. MB47393 Datasheet HTML 8Page - Fujitsu Component Limited. MB47393 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
MB47393
s PIN ASSIGNMENT
s ABSOLUTE MAXIMUM RATINGS (see NOTE)
Ta = 25°C
* : This value is specified with respect to the short circuit from output to GND. However, short circuit from the output
to VCC cause device destruction.
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional
operation should be restricted to the conditions as detailed in the operational sections of this data sheet.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
36
V
Differential Input Voltage
VID
36
V
Common-Mode Input Voltage
VI
–5 to +36
V
Output Short Current to GND
––
Infinite*
––
Power Dissipation
PD
350 (Ta
≤ 55°C)
mW
Operating Temperature
Ta
–20 to +75
°C
Storage Temperature
TSTG
–55 to +125
°C
+ –
+ –
+ –
– +
OUT A 1
2
3
4
– IN A
+ IN A
GND
8
7
6
5
VCC
OUT B
– IN B
+ IN B
(TOP VIEW)
(DIP-8P-M01)
(FPT-8P-M01)
(TOP VIEW)
(SIP-9P-M01)
9
8
7
6
5
4
3
2
1
VCC
OUT B
– IN B
OUT A
GND
+ IN A
– IN A
VCC
+ IN B


Similar Part No. - MB47393

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB47358 FUJITSU-MB47358 Datasheet
106Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MB47393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com