Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB47393 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB47393
Description  DUAL COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB47393 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB47393 Datasheet HTML 1Page - Fujitsu Component Limited. MB47393 Datasheet HTML 2Page - Fujitsu Component Limited. MB47393 Datasheet HTML 3Page - Fujitsu Component Limited. MB47393 Datasheet HTML 4Page - Fujitsu Component Limited. MB47393 Datasheet HTML 5Page - Fujitsu Component Limited. MB47393 Datasheet HTML 6Page - Fujitsu Component Limited. MB47393 Datasheet HTML 7Page - Fujitsu Component Limited. MB47393 Datasheet HTML 8Page - Fujitsu Component Limited. MB47393 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS04-12103-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
DUAL COMPARATOR
MB47393
s DESCRIPTION
The Fujitsu MB47393 is a dual comparator which is designed to operate from a single power supply over a wide
range of voltage. The input characteristics is equivalent of current industry standard comparator. Even though
operated from a single power supply, the input common mode voltage range includes ground. Owing to adoption
of clamp circuitry in input pins, mis-operation is prevented by negative input. The MB47393 is compatible with
LM393.
s FEATURES
• Wide power supply voltage range
Single power supply ––– 2V to 30V
Dual power supplies ––– ±1V to ±15V
• Wide input common-mode voltage range
0V to (VCC – 1.5)V
• Low input bias current ––– 25nA typ.
• High sink current capability because of open collector output 40mA min.
• Package
Plastic 8 pin DIP package
(Suffix: –P)
Plastic 8 pin FPT package
(Suffix: –PF)
Plastic 9 pin SIP package
(Suffix: –PS)
s PACKAGE
PLAPMSTIC PACKAGE
DIP-08P-M01
PLAPMSTIC PACKAGE
FPT-08P-M01
PLAPMSTIC PACKAGE
SIP-09P-M01


Similar Part No. - MB47393

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB47358 FUJITSU-MB47358 Datasheet
106Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MB47393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com