Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB47393 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB47393
Description  DUAL COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB47393 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB47393 Datasheet HTML 1Page - Fujitsu Component Limited. MB47393 Datasheet HTML 2Page - Fujitsu Component Limited. MB47393 Datasheet HTML 3Page - Fujitsu Component Limited. MB47393 Datasheet HTML 4Page - Fujitsu Component Limited. MB47393 Datasheet HTML 5Page - Fujitsu Component Limited. MB47393 Datasheet HTML 6Page - Fujitsu Component Limited. MB47393 Datasheet HTML 7Page - Fujitsu Component Limited. MB47393 Datasheet HTML 8Page - Fujitsu Component Limited. MB47393 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
MB47393
s TYPICAL CHARACTERISTIC CURVES (Continued)
Figure 4
INPUT CURRENT
vs INPUT VOLTAGE
Figure 5
INPUT VOLTAGE/OUTPUT
VOLTAGE vs RESPONSE TIME
Figure 6
INPUT VOLTAGE/OUTPUT
VOLTAGE vs RESPONSE TIME
Figure 7
TEST CIRCUIT
(µA)
–300
–100
0
100
50
0
–50
–100
–150
(nA)
INPUT VOLTAGE VIN– (V)
–1.0
–0.5
0
10
20
30
VCC = 5V
TIME t (µs)
6
Input Over Drive
5mV
20mV
4
2
0
100
0
00.5
1
1.5
2
TIME t (µs)
6
Input Over Drive
5mV
4
2
0
0
–100
0
0.5
1
1.5
2
20mV
100mV
100mV
+
VCC = 5V
VO
VREF
PG
RL = 5.1k
Over drive value is fixed by VREF.


Similar Part No. - MB47393

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB47358 FUJITSU-MB47358 Datasheet
106Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MB47393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com