Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3243_14 Datasheet HTML 9Page - Texas Instruments LM3243_14 Datasheet HTML 10Page - Texas Instruments LM3243_14 Datasheet HTML 11Page - Texas Instruments LM3243_14 Datasheet HTML 12Page - Texas Instruments LM3243_14 Datasheet HTML 13Page - Texas Instruments LM3243_14 Datasheet HTML 14Page - Texas Instruments LM3243_14 Datasheet HTML 15Page - Texas Instruments LM3243_14 Datasheet HTML 16Page - Texas Instruments LM3243_14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM3243
www.ti.com
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
Dynamic Adjustment of Output Voltage
The output voltage of the LM3243 can be dynamically adjusted by changing the voltage on the VCON pin. In RF
PA applications, peak power is required when the handset is far away from the base station. To maximize the
power savings, the LM3243 output should be set just high enough to achieve the desired PA linearity. Hence,
during low-power requirements, reduction of supply voltage to the PA can reduce power consumption from the
PA, making the operation more efficient and promote longer battery life. Please refer to the Setting the Output
Voltage section for further details.
Mode Selection
Table 1 shows the LM3243 parameters for the given modes (PWM or PFM/PWM).
Table 1. Parameters under Different Modes
Parameter/Mode
PWM
PFM/PWM
MODE pin
LOW
HIGH
BP pin
LOW
LOW
Frequency at loads = 75 mA (typ.)
2.7 MHz (typ.)
Variable
Frequency at loads = 95 mA (typ.)
2.7 MHz (typ.)
2.7 MHz (typ.)
VOUT
2.5 x VCON
2.5 x VCON
Max Load Steady State
2.5A (min.)
75 mA (min in PFM) or 2.5A (min. in PWM)
Internal Synchronous Rectification
The LM3243 uses an internal NFET as a synchronous rectifier to reduce rectifier forward voltage drop, thus
increasing efficiency. The reduced forward voltage drop in the internal NFET synchronous rectifier significantly
improves efficiency for low output voltage operation. The NFET is designed to conduct through its intrinsic body
diode during the transient intervals, eliminating the need of an external diode.
Current Limit
The LM3243 current limit feature protects the converter during current overload conditions. Both SW and ACB
pins have positive and negative current limits. The positive and negative current limits bound the SW and ACB
currents in both directions. The SW pin has two positive current limits. The ILIM,PFET,SteadyState current limit triggers
the ACB circuit. Once the peak inductor current exceeds ILIM,PFET,SteadyState, the ACB circuit starts assisting the
switcher and provides just enough current to keep the inductor current from exceeding ILIM,PFET,SteadyState allowing
the switcher to operate at maximum efficiency. Transiently a second current limit ILIM,PFET,Transient of 1.9A (typ. or
2.1 max.) limits the maximum peak inductor current possible. The output voltage will fall out of regulation only
after both SW and ACB output pin currents reach their respective current limits of ILIM,PFET,Transient and ILIM,P-ACB.
Timed Current Limit
If the load or output short circuit pulls the output voltage to 0.3V or lower and the peak inductor current sustains
ILIM, PFET Transient more than 10 µs, the LM3243 switches to a timed current limit mode. In this mode, the
internal PFET switch is turned off. After approximately 30 µs, the device will return to the normal operation.
Thermal Overload Protection
The LM3243 IC has a thermal overload protection that protects itself from short-term misuse and overload
conditions. If the junction temperature exceeds 150°C, the LM3243 shuts down. Normal operation resumes after
the temperature drops below 130°C. Prolonged operation in thermal overload condition may damage the device
and is therefore not recommended.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3243


Similar Part No. - LM3243_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com