Electronic Components Datasheet Search |
|
LM3243 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
LM3243 Datasheet(HTML) 16 Page - Texas Instruments |
16 / 29 page LM3243 SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013 www.ti.com Table 3. Suggested Inductors and Their Suppliers Model Vendor Size ISAT −30% DCR DFE201610C-1R5M TOKO 2.0 mm x 1.6 mm x 1.0 mm 2.2A 120 m Ω (1285AS-H-1R5M) PSD20161T-1R5MS CYNTEC 2.0 mm x 1.6 mm x 1.0 mm 1.6A 143 m Ω TFM201610-1R5M TDK 2.0 mm x 1.6 mm x 1.0 mm 2.2A 140 m Ω Capacitor Selection The LM3243 is designed to use ceramic capacitors for its input and output filters. Use a 10 µF capacitor for the input and approximately 10 µF actual total output capacitance. Capacitor types such as X5R, X7R are recommended for both filters. These provide an optimal balance between small size, cost, reliability and performance for cell phones and similar applications. Table 4 lists suggested part numbers and suppliers. DC bias characteristics of the capacitors must be considered while selecting the voltage rating and case size of the capacitor. Smaller case sizes for the output capacitor mitigate piezo-electric vibrations of the capacitor when the output voltage is stepped up and down at fast rates. However, they have a bigger percentage drop in value with DC bias. For even smaller total solution size, 0402 case size capacitors are recommended for filtering. Use of multiple 2.2 µF or 1 µF capacitors can also be considered. For RF Power Amplifier applications, split the output capacitor between DC-DC converter and RF Power Amplifiers: 10 µF (COUT1) + 4.7 µF (COUT2) + 3 x 1.0 µF (COUT3) is recommended. The optimum capacitance split is application dependent, and for stability the actual total capacitance (taking into account effects of capacitor DC bias, temperature de-rating, aging and other capacitor tolerances) should target 10 µF with 2.5V DC bias (measured at 0.5 VRMS). Place all the output capacitors very close to the respective device. A high-frequency capacitor (3300 pF) is highly recommended to be placed next to COUT1. Table 4. Suggested Capacitors and Their Suppliers Capacitance Model Size (Wx L) (mm) Vendor 10 µF GRM185R60J106M 1.6 x 0.8 Murata 10 µF CL05A106MQ5NUN 1.0 x 0.5 Samsung 4.7 µF CL05A475MQ5NRN 1.0 x 0.5 Samsung 1.0 µF CL03A105MQ3CSN 0.6 x 0.3 Samsung 3300 pF GRM022R60J332K 0.4 x 0.2 Murata EN Input Control Use the system controller to drive the EN HIGH or LOW with a comparator, Schmitt trigger or logic gate. Set EN = HIGH (>1.2V) for normal operation and LOW (<0.5V) for shutdown mode to reduce current consumption to 0.02 µA (typ.) current. Startup The waveform Figure 24 in shows the startup condition. First, VIN should take on a value between 2.7V and 5.5V. Next, EN should go HIGH (>1.2V). Finally, VCON should be set to a value that corresponds to the required output voltage (VOUT = VCON x 2.5). VOUT will reach its steady-state value in less than 50 µs. To optimize the startup time and behavior of the output voltage, the LM3243 will always start up in PWM mode (even when MODE = HIGH and output load current ≤ 75mA), then seamlessly transition into PFM mode. 16 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: LM3243 |
Similar Part No. - LM3243_14 |
|
Similar Description - LM3243_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |