Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3243_14 Datasheet HTML 11Page - Texas Instruments LM3243_14 Datasheet HTML 12Page - Texas Instruments LM3243_14 Datasheet HTML 13Page - Texas Instruments LM3243_14 Datasheet HTML 14Page - Texas Instruments LM3243_14 Datasheet HTML 15Page - Texas Instruments LM3243_14 Datasheet HTML 16Page - Texas Instruments LM3243_14 Datasheet HTML 17Page - Texas Instruments LM3243_14 Datasheet HTML 18Page - Texas Instruments LM3243_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
R1 = 100 k:
C1 = 1.7 pF
C2 = 9 pF
8 30 Ps
3.4V
3.4V
3.4V
EN
VCON
VOUT
ILOAD
0V
0A
< 200 mA
8 30 Ps
7 20 Ps
7 20 Ps
7 20 Ps
1V
1.7A
7 20 Ps
VCON = 0.4V
LM3243
www.ti.com
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
Figure 22. Dynamic Adjustment of Output Voltage with GPIO
VCON Pin
Figure 23 shows the equivalent CRC circuit for the VCON pin. This circuit is internal to the part and should be
taken into consideration when driving this pin.
Figure 23. VCON Pin Equivalent CRC Circuit
Inductor Selection
A 1.5 µH inductor is needed for optimum performance and functionality of the LM3243. In the case of 2G
transmission current bursts, the effective overall RMS current requirements are reduced. Therefore, please
consult with the inductor manufacturers to determine if some of their smaller components will meet your
application needs even though the classical inductor specification does not appear to meet the LM3243 RMS
current specifications.
LM3243 automatically manages the inductor peak and RMS (or steady current peak) current through the SW pin.
The SW pin has two positive current limits. The first is the 1.45A typical (or 1.65A maximum.) over-limit current
protection. It sets the upper steady-state inductor peak current (as detailed in the Electrical Characteristics Table
- ILIM,PFET,SteadyState). It is the dominant factor limiting the inductor's ISAT requirement. The second is a over-limit
current protection. It limits the maximum peak inductor current during large signal transients (i.e., < 20 µs) to
1.9A typical (or 2.1A maximum). A minimum inductance of 0.3 µH should be maintained at the second current
limit.
The ACB circuit automatically adjusts its output current to keep the steady-state inductor current below the
steady-state peak current limit. Thus, the inductor RMS current will effectively always be less than the
ILIM,PFET,SteadyState during the transmit burst. In addition, as in the case with 2G where the output current comes in
bursts, the effective overall RMS current would be much lower.
For good efficiency, the inductor’s resistance should be less than 0.2
Ω; low DCR inductors (<0.2Ω) are
recommended. Table 3 suggests some inductors and suppliers.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3243


Similar Part No. - LM3243_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com