Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHS100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RHS100
Description  Heatsink Assemblies (cont.)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RHS100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RHS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5-3
Heatsink Assemblies (cont.)
Power in W
0
10
20
30
40
50
60
3.0
2.5
2.0
1.5
1.0
Power in W
0
10
20
30
6.0
5.0
4.0
3.0
2.0
RHS90
Heatsink assembly with DIN-rail
adapter for 1-phase SSRs. Type
RHS90 is a complete heatsink kit
not including the SSR. A 60x60
mm fan may be mounted onto
the heatsink.
RHS100
Heatsink assembly with DIN-rail
adapter for 1-phase SSRs. Type
RHS100 is a complete heatsink
kit not including the SSR.
90
109
103
45
75
82


Similar Part No. - RHS100

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RHS100E OHMITE-RHS100E Datasheet
523Kb / 3P
(Potentiometers) Wirewound
More results

Similar Description - RHS100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
List of Unclassifed Man...
S05K75 ETC1-S05K75 Datasheet
138Kb / 1P
ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
celduc-relais
WF050000 CELDUC-WF050000 Datasheet
90Kb / 1P
HEATSINK
WF131100 CELDUC-WF131100 Datasheet
80Kb / 1P
HEATSINK
WF262100 CELDUC-WF262100 Datasheet
74Kb / 1P
HEATSINK
logo
Japan Aviation Electron...
SJ010889 JAE-SJ010889 Datasheet
80Kb / 1P
CONT-JA16S
logo
Amphenol Corporation
M85049-31-14W AMPHENOL-M85049-31-14W Datasheet
38Kb / 1P
Special Purpose Interconnection Products, cont.
logo
Generalplus Technology ...
GPC10096A GENERALPLUS-GPC10096A Datasheet
401Kb / 15P
Sound Cont roller with 96KB ROM
logo
Mallory Sonalert Produc...
ZT120LACTR30 MSPI-ZT120LACTR30 Datasheet
132Kb / 1P
LED Mode of Operation CONT/FLASH
logo
HARTING Technology Grou...
09-03-000-6136 HARTING-09-03-000-6136 Datasheet
1,006Kb / 2P
DIN-Signal Power Cont. m, 40A Solder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com