Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W160ET70N3E Datasheet(PDF) 10 Page - Numonyx B.V

Part # M29W160ET70N3E
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W160ET70N3E Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M29W160ET70N3E Datasheet HTML 6Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 7Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 8Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 9Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 10Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 11Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 12Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 13Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
M29W160ET, M29W160EB
10/42
Figure 7. Block Addresses (x16)
Note: Also see Appendix A, Tables 20 and 21 for a full listing of the Block Addresses.
AI06852
8 KWord
FFFFFh
FE000h
32 KWord
0FFFFh
08000h
32 KWord
07FFFh
00000h
M29W160ET
Top Boot Block Addresses (x16)
16 KWord
FBFFFh
F8000h
32 KWord
F0000h
F7FFFh
Total of 31
32 KWord Blocks
8 KWord
FFFFFh
F8000h
32 KWord
32 KWord
01FFFh
00000h
M29W160EB
Bottom Boot Block Addresses (x16)
16 KWord
F7FFFh
0FFFFh
32 KWord
F0000h
08000h
Total of 31
32 KWord Blocks
07FFFh
04000h
4 KWord
4 KWord
FDFFFh
FD000h
FCFFFh
FC000h
4 KWord
4 KWord
03FFFh
03000h
02FFFh
02000h


Similar Part No. - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160ET70N6 STMICROELECTRONICS-M29W160ET70N6 Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6 NUMONYX-M29W160ET70N6 Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6E STMICROELECTRONICS-M29W160ET70N6E Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6E NUMONYX-M29W160ET70N6E Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6F STMICROELECTRONICS-M29W160ET70N6F Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
More results

Similar Description - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com