Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W160ET70N3E Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29W160ET70N3E
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W160ET70N3E Datasheet(HTML) 1 Page - Numonyx B.V

  M29W160ET70N3E Datasheet HTML 1Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 2Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 3Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 4Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 5Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 6Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 7Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 8Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
April 2011
M29W160ET
M29W160EB
16 Mbit (2Mb x8 or 1Mb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
SUPPLY VOLTAGE
–VCC = 2.7V to 3.6V for Program, Erase
and Read
ACCESS TIMES: 70, 90ns
PROGRAMMING TIME
10µs per Byte/Word typical
35 MEMORY BLOCKS
1 Boot Block (Top or Bottom Location)
3 Parameter and 31 Main Blocks
PROGRAM/ERASE CONTROLLER
Embedded Byte/Word Program
algorithms
ERASE SUSPEND and RESUME MODES
Read and Program another Block during
Erase Suspend
UNLOCK BYPASS PROGRAM COMMAND
Faster Production/Batch Programming
TEMPORARY BLOCK UNPROTECTION
MODE
COMMON FLASH INTERFACE
64 bit Security Code
LOW POWER CONSUMPTION
Standby and Automatic Standby
100,000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 0020h
Top Device Code M29W160ET: 22C4h
Bottom Device Code M29W160EB: 2249h
Automotive Grade Parts Available
Figure 1. Packages
BGA
TSOP48 (N)
12 x 20mm
TFBGA48 (ZA)
6 x 8mm
FBGA
FBGA64 (ZS)
11 x 13 mm


Similar Part No. - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160ET70N6 STMICROELECTRONICS-M29W160ET70N6 Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6 NUMONYX-M29W160ET70N6 Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6E STMICROELECTRONICS-M29W160ET70N6E Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6E NUMONYX-M29W160ET70N6E Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6F STMICROELECTRONICS-M29W160ET70N6F Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
More results

Similar Description - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com