Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W160ET70N3E Datasheet(PDF) 41 Page - Numonyx B.V

Part # M29W160ET70N3E
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W160ET70N3E Datasheet(HTML) 41 Page - Numonyx B.V

Back Button M29W160ET70N3E Datasheet HTML 34Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 35Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 36Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 37Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 38Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 39Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 40Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 41Page - Numonyx B.V M29W160ET70N3E Datasheet HTML 42Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
41/42
M29W160ET, M29W160EB
REVISION HISTORY
Table 29. Document Revision History
Date
Version
Revision Details
06-Aug-2002
-01
First Issue: originates from M29W160D datasheet dated 24-Jun-2002
27-Nov-2002
1.1
9x8mm FBGA48 package replaced by 6x8mm. VDD(min) reduced for -70ns
speed class.
Erase Suspend Latency Time (typical and maximum) added to Program, Erase
Times and Program, Erase Endurance Cycles table. Logic Diagram corrected.
03-Dec-2002
1.2
Package information corrected in ordering information table.
21-Mar-2003
2.0
Document promoted to full Datasheet status. Block Protect and Chip Unprotect
algorithms specified in Appendix C, BLOCK PROTECTION.
27-Jun-2003
2.1
TSOP48 package information updated (see Figure 16 and Table 16).
26-Jan-2004
3.0
Block Erase Command clarified.
27-Mar-2008
4.0
Applied Numonyx branding.
12-March-2009
5.0
Added FBGA (ZS) package and ballout information.
7-April-2009
6.0
Revised Chip Erase signal value (maximum) in Table 6., Program/Erase Times
and Program/Erase Endurance Cycles from 120 to 60 seconds
Revised Block Erase (64-Kbytes) signal value (maximum) in Table 6., Program/
Erase Times and Program/Erase Endurance Cycles from 6 to 1.6 seconds.
Revised tGLQV (70 ns speed) value in Table 12., Read AC Characteristics from
30 to 25 ns.
7-May-2009
7.0
Added 7A and 80 ns columns to Table 9., Operating and AC Measurement
Conditions;
Added note 2 to tables: 12, 13, and 14.
Updated the order information table as follows:
Added 7A, 70, 80, and 90 ns speed class options
Added temperature range = 3 Automotive
Added Voltage extension option S.
18-June-2009
8.0
Corrected VCC supply voltage typographical errors in Table 9., Operating and AC
Measurement Conditions
11-April-2011
9.0
Change to parameter blocks/main blocks in Features Summary
Changed voltage extension to 2.5V of VCC in Table 19, Ordering Information
Scheme


Similar Part No. - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160ET70N6 STMICROELECTRONICS-M29W160ET70N6 Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6 NUMONYX-M29W160ET70N6 Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6E STMICROELECTRONICS-M29W160ET70N6E Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET70N6E NUMONYX-M29W160ET70N6E Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET70N6F STMICROELECTRONICS-M29W160ET70N6F Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
More results

Similar Description - M29W160ET70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com