Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2723 Datasheet(PDF) 1 Page - NEC

Part # 2SK2723
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2723 Datasheet(HTML) 1 Page - NEC

  2SK2723 Datasheet HTML 1Page - NEC 2SK2723 Datasheet HTML 2Page - NEC 2SK2723 Datasheet HTML 3Page - NEC 2SK2723 Datasheet HTML 4Page - NEC 2SK2723 Datasheet HTML 5Page - NEC 2SK2723 Datasheet HTML 6Page - NEC 2SK2723 Datasheet HTML 7Page - NEC 2SK2723 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1994
DATA SHEET
The information in this document is subject to change without notice.
MOS Field Effect Power Transistors
2SK2723
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor
designed for high current switching spplications.
FEATURES
• Low On-Resistance
RDS (on) 1 = 40m
Ω Max. (VGS = 10 V, ID = 13 A)
RDS (on) 2 = 60m
Ω Max. (VGS = 4 V, ID = 13 A)
• Low Ciss
Ciss = 830 pF Typ.
• Built-in G-S Protection Diode
• Isolated TO-220 Package
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID (DC)
±25
A
Drain Current (pulse)*
ID (pulse)
±100
A
Total Power Dissipation (TA = 25
°C)
PT
2.0
W
Total Power Dissipation (Tc = 25
°C)
PT
25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
*PW
≤ 10
µs, Duty Cycle ≤ 1%
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this
deveice acutally used, an addtional protection circiut is externally required if voltage exceeding the rated voltage
may be applied to this device.
Drain
Source
Body
Diode
Gate
Gate Protection
Diode
10.0
± 0.3
PACKAGE DIMENSIONS
(in millimeter)
MP-45F (ISOLATED TO-220)
4.5
± 0.2
2.7
± 0.2
2.5
± 0.1
1.3
± 0.2
0.7
± 0.1
1.5
± 0.2
2.54
1.Gate
2.Drain
3.Source
2.54
12
3
0.65
± 0.1
3.2
± 0.2
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D10623EJ2V0DS00 (2nd edition)
Date Published April 1996 P
Printed in Japan


Similar Part No. - 2SK2723

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK2723 VBSEMI-2SK2723 Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2723 ISC-2SK2723 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2723 RENESAS-2SK2723 Datasheet
283Kb / 10P
   MOS Field Effect Power Transistors
1994
More results

Similar Description - 2SK2723

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com