Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-TRC105-304-DK Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DR-TRC105-304-DK
Description  DR-TRC105 Development Kits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR-TRC105-304-DK Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DR-TRC105-304-DK Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 1
©2009 by RF Monolithics, Inc.
DR-TRC105 Development Kits - 11/2/09
DR-TRC105 Series Development Kits
The DR-TRC105 series development kits can be used to evaluate TRC105 radio
technology, and to prototype applications that will use the TRC105 RFIC. These
development kits include the necessary hardware, firmware and utility software to
support efficient TRC105 evaluation and system development.
Each DR-TRC105 development kit contains the following items:
• 2 DR-TRC105 Radio Boards
• 2 DR-TRC103/105 Interface Boards
• 2 Dipole Antennas
• 2 USB 2.0 A/B Cables
• 2 Universal Wall-plug Power Supplies, 4.5 V
• 2 AA Battery Packs
• 4 AA Batteries
• CD Containing:
RFIC Design Assistant Software
Kit Firmware C Source Code
User’s Guides
The DR-TRC105 development kits provide the following features:
• Supports TRC105 Evaluation and Application Development
• Facilitates TRC105 Parameter Configuration
• USB or RS232 Interface Options
• Wall-plug Power Supply or Battery Power Options
• Includes Example Firmware and PC Utility Software
• Integrated Firmware Range Test Function
• Up to 200 kb/s RF Data Rate
• Out-of-the-box Operation
• 64-byte Packet Handling
• Compatible with SiLabs C8051F310 Development Tools (sold separately)
DR-TRC105
Development Kits


Similar Part No. - DR-TRC105-304-DK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TRC105-304-EV MURATA-DR-TRC105-304-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
More results

Similar Description - DR-TRC105-304-DK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TRC105-434-DK MURATA-DR-TRC105-434-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-450-DK MURATA-DR-TRC105-450-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-345-DK MURATA-DR-TRC105-345-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-403-DK MURATA-DR-TRC105-403-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-372-EV MURATA-DR-TRC105-372-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-304-EV MURATA-DR-TRC105-304-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-345-EV MURATA-DR-TRC105-345-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-434-EV MURATA-DR-TRC105-434-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-372-DK MURATA-DR-TRC105-372-DK Datasheet
53Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-390-EV MURATA-DR-TRC105-390-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com