Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP4 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # DP4
Description  Miniature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

DP4 Datasheet(HTML) 1 Page - Grayhill, Inc

  DP4 Datasheet HTML 1Page - Grayhill, Inc DP4 Datasheet HTML 2Page - Grayhill, Inc DP4 Datasheet HTML 3Page - Grayhill, Inc DP4 Datasheet HTML 4Page - Grayhill, Inc DP4 Datasheet HTML 5Page - Grayhill, Inc DP4 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
3P5
3P4
3P3
3P2
3P1
ON
(ON)
2-3,5-6
ON
ON
ON
2-1,5-4
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
8-9
8-7
()=MOMENTARY
1
2
3
4
5
6
7
8
9
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
.500
(12.7)
.030
(0.76)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
.650
(16.51)
1/4-40 UNS-2A
KEYWAY
THIS SIDE
.190
(4.83)
.350
(8.89)
.410
(10.41)
.415
(10.54)
EPOXY SEAL
.060
(1.52)
.570
(14.48)
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
DP5
DP4
DP3
DP2
DP1
ON
(ON)
2-3,
ON
ON
ON
2-1,
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
1
2
3
4
5
6
5-6
5-4
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
.410
(10.41)
.500
(12.7)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
THIS SIDE
KEYWAY
.450
(11.43)
.190
(4.83)
1/4-40 UNS-2A
.350
(8.89)
EPOXY SEAL
.350
(8.89)
.505
(12.83)
.060
(1.52)
.030
(0.76)
SerieS 34A
Miniature Toggle Switches
FeATUreS
•SaveSpaceandWeight
•SPDT,DPDT,3PDT,and4DPTCircuitry
•ChoiceofActuators,BushingsandTerminations
•ULRecognized
MoDeLS Ininches(andmillimeters)
SPDT
DPDT
3PDT
Series 34A: Miniature Toggle Switches
Toggle
4
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
SP5
SP4
SP3
SP2
SP1
ON
(ON)
2-3
ON
ON
ON
2-1
(ON)
(ON)
ON
(ON)
ON
1
2
3
TERM. COMM.
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
1/4-40 UNS-2A
.410
(10.41)
.500
(12.7)
.350
(8.89)
.030
(0.76)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
THIS SIDE
KEYWAY
.350
(8.89)
.270
(6.86)
.155
(3.94)
EPOXY SEAL
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - DP4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
logo
Artesyn Technologies
DP4009N2M ARTESYN-DP4009N2M Datasheet
516Kb / 2P
   DP40 40 Watts
More results

Similar Description - DP4

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com