Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3171D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # RF3171D
Description  418.0 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3171D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  RF3171D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 4
©2008 by RF Monolithics, Inc.
RF3171D - 3/21/08
CH1
S11
1 U FS
CENTER
418 . 000
000
MHz
SPAN
20 . 000
000
MHz
Cor
CH3
S22
1 U FS
Cor
7 Jun 2007 08:14:41
1
1 : 46 . 314
-15
. 008
25 . 370
pF
418 . 000
000
MHz
1
1 : 39 . 561
-1 . 4668
259 . 58
pF
418 . 000
000
MHz
RF3171D
demo 96
Full


Similar Part No. - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
More results

Similar Description - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171 MURATA-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
418.0 MHz SAW Filter
RF3171 RFM-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com