Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3171D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RF3171D
Description  418.0 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3171D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RF3171D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RF3171D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 4
©2008 by RF Monolithics, Inc.
RF3171D - 3/21/08
CH1
S21
LOG
1 dB/
REF -3 dB
CH1
CENTER
418 . 000
000
MHz
SPAN
2 . 000
000
MHz
C
CH2
S21
LOG
10 dB/
REF -30 dB
CH2
START
408 . 000
000
MHz
STOP
428 . 000
000
MHz
Cor
7 Jun 2007 08:16:40
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH1
Markers
BW :
. 655527
MHz
cent
:
417 . 988236
MHz
Q: 637 . 64
1_ loss
: -1 . 6291
dB
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
. 655868
MHz
cent
:
417 . 987911
MHz
Q: 637 . 30
1_ loss
: -1 . 6226
dB
RF3171D
demo 96
Full
Full


Similar Part No. - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
More results

Similar Description - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171 MURATA-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
418.0 MHz SAW Filter
RF3171 RFM-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com