Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA2409(M)D-3W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # MSA2409(M)D-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSA2409(M)D-3W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  MSA2409(M)D-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSA2409(M)D-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSA2409(M)D-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MSA2409(M)D-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. MSA2409(M)D-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. MSA2409(M)D-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
MSA_(M)D-3W&MSB_(M)D-3W
B/0-2012
Page 1 of 6
MSA_(M)D-3W & MSB_(M)D-3W Series
3W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
MSA2405MD-3W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
FEATURES
● 2:1 wide input range
● Efficiency up to 82%
● Operating temperature range:-40°C ~ +85°C
● 1.5KVDC isolation
● Short circuit protection(Automatic recovery)
● Low Temperature rise
● No external component required
● UL94-V0 package
● Industry standard pinout
● MTBF>1,000,000 hours
APPLICATIONS
The MSA_(M)D-3W & MSB_(M)D-3W series are designed
for applications where the output power is directly introduced
into the power control circuit board After the AC / DC converter
filter circuit from a distributed power system. For these DC-DC
converters, You can reduce the design point of failure and save
the development of micro power supply
‘s manpower, material
and time costs, also better ensure product quality stability,
protect safety and reliability of the end of products.
These products apply to where:
1) Input voltage variation range
≤ 2:1;
2) 1.5KVDC input and output isolation;
3) Regulated and low ripple noise are required.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current (mA)
Input Current (mA)(typ.)
Model Number
Nominal
(Range)
Max*
Output
Voltage
(VDC)
Max.
Min.
@Max. Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
# (µF)
Efficiency
(%, typ.)
@Max.
Load
Certificate
MSA0505(M)D-3W
±5
±300
±30
882
680
68
MSA0512(M)D-3W
±12
±125
±12
833
330
72
MSA0515(M)D-3W
±15
±100
±10
822
85
25
220
73
MSB0505(M)D-3W
5
600
60
882
1000
68
MSB0509D-3W
9
333
33
857
680
70
MSB0512MD-3W
12
250
25
833
470
72
MSB0515D-3W
5
(4.5-9)
11
15
200
20
822
65
35
330
73
MSA1205MD-3W
±5
±300
±30
329
680
76
MSA1212(M)D-3W
±12
±125
±12
316
330
79
MSA1215(M)D-3W
±15
±100
±10
313
25
20
220
80
MSB1205(M)D-3W
5
600
60
329
1000
76
MSB1209MD-3W
9
333
33
321
680
78
MSB1212(M)D-3W
12
250
25
313
470
80
MSB1215(M)D-3W
15
200
20
309
330
81
MSB1224(M)D-3W
12
(9-18)
22
24
125
12
305
35
25
220
82
MSA2405(M)D-3W
±5
±300
±30
164
680
76
MSA2409(M)D-3W
±9
±167
±16
160
470
78
MSA2412(M)D-3W
±12
±125
±12
156
330
80
MSA2415(M)D-3W
±15
±100
±10
154
10
20
220
81
MSB2403(M)D-3W
3.3
909
90
169
2200
74
UL
MSB2405(M)D-3W
5
600
60
164
1000
76
UL
MSB2409(M)D-3W
9
333
33
160
680
78
UL
MSB2412(M)D-3W
12
250
25
154
470
81
UL
MSB2415(M)D-3W
15
200
20
156
330
80
UL
MSB2424(M)D-3W
24
(18-36)
40
24
125
12
152
15
30
220
82
UL


Similar Part No. - MSA2409(M)D-3W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
logo
MORNSUN Science& Techno...
MSA2405MD-3W MORNSUN-MSA2405MD-3W Datasheet
101Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSA2409(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com