Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2415 Datasheet(PDF) 2 Page - NEC

Part # 2SK2415
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2415 Datasheet(HTML) 2 Page - NEC

  2SK2415 Datasheet HTML 1Page - NEC 2SK2415 Datasheet HTML 2Page - NEC 2SK2415 Datasheet HTML 3Page - NEC 2SK2415 Datasheet HTML 4Page - NEC 2SK2415 Datasheet HTML 5Page - NEC 2SK2415 Datasheet HTML 6Page - NEC 2SK2415 Datasheet HTML 7Page - NEC 2SK2415 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2415, 2SK2415-Z
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-State Resistance
RDS(on)1
0.07
0.10
VGS = 10 V, ID = 4.0 A
Drain to Source On-State Resistance
RDS(on)2
0.10
0.15
VGS = 4 V, ID = 4.0 A
Gate to Source Cutoff Voltage
VGS(off)
1.0
1.6
2.0
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
5.0
8.4
VDS = 10 V, ID = 4.0 A
Drain Leakage Current
IDSS
10
VDS = 60 V, VGS = 0
Gate to Source Leakage Current
IGSS
±10
VGS =
±20 V, VDS = 0
Input Capacitance
Ciss
570
VDS = 10 V
Output Capacitance
Coss
290
VGS = 0
Reverse Transfer Capacitance
Crss
75
f = 1 MHz
Turn-On Delay Time
td(on)
5ID = 4.0 A
Rise Time
tr
60
VGS(on) = 10 V
Turn-Off Delay Time
td(off)
75
VDD = 30 V
Fall Time
tf
40
RG = 10
Total Gate Charge
QG
21
ID = 8.0 A
Gate to Source Charge
QGS
2.0
VDD = 48 V
Gate to Drain Charge
QGD
6.5
VGS = 10 V
Body Diode Forward Voltage
VF(S-D)
1.0
IF = 8.0 A, VGS = 0
Reverse Recovery Time
trr
85
IF = 8.0 A, VGS = 0
Reverse Recovery Charge
Qrr
200
di/dt = 100 A/
µs
Test Circuit 1 Avalanche Capability
Test Circuit 2 Switching Time
UNIT
V
S
µA
µA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
RG = 25
50
D.U.T.
PG
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
RG
D.U.T.
PG.
0
t
RL
VDD
VGS
t = 1 s
Duty Cycle 1 %
VGS
Wave
Form
ID
Wave
Form
ID
0
0
10 %
10 %
90 %
90 %
10 %
90 %
ID
VGS (on)
td (off)
td (on)
ton
toff
tf
tr
VGS
RG = 10
µ
D.U.T.
RL
VDD
50
IG = 2 mA
PG.
Test Circuit 3 Gate Charge


Similar Part No. - 2SK2415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2415 KEXIN-2SK2415 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2415 VBSEMI-2SK2415 Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2415 RENESAS-2SK2415 Datasheet
316Kb / 9P
MOS FIELD EFFECT TRANSISTOR
1994
logo
Inchange Semiconductor ...
2SK2415 ISC-2SK2415 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
2SK2415-Z ISC-2SK2415-Z Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2415

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com