Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1171 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RF1171
Description  418.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF1171 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RF1171 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF1171 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RF1171 - 3/20/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fc
1, 2
417.920
418.080
MHz
Tolerance from 418.0 MHz
Δfc
±80
dB
Insertion Loss
IL
1
3.0
5.5
dB
3 dB Bandwidth
BW3
1, 2
500
600
800
kHz
Rejection
at fC - 21.4 MHz (Image)
1
40
50
dB
at fC - 10.7 MHz (LO)
15
30
Ultimate
80
Temperature
Operating Case Temp.
TC
3, 4
-35
+85
°C
Turnover Temperature
TO
15
25
35
°C
Turnover Frequency
fO
fC
MHz
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
External Impedance
Series Inductance
L
1
6 Turns of 0.3 mm Insulated Copper, 1.9 mm ID
nH
Shunt Capacitance
C
12
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF1171
TO39-3 Case
• Ideal Front-End Filter for Wireless Receiver in the UK and USA
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Rugged TO39 Hermetic Package
• Complies with Directive 2002/95/EC (RoHS)
The RF1171 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed
to provide front-end selectivity in 418.0 MHz receivers. Receiver designs using this filter include
superhet with 10.7 MHz direct conversion and superregen. Typical applications of these receiv-
ers are wireless remote-control and security devices operating in the USA under FCC Part 15.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically
greater than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz
IF. RFM’s advanced SAW design and fabrication technology is utilized to achieve high perfor-
mance and very low loss with simple external impedance matching (not included). Quartz con-
struction provides excellent frequency stability over a wide temperature range.
418.0 MHz
SAW Filter
RF1171
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Pb


Similar Part No. - RF1171

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
   418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
   418.0 MHz SAW Filter
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
   418.0 MHz SAW Filter
More results

Similar Description - RF1171

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
   418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
   418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
   418.0 MHz SAW Filter
RF3171 MURATA-RF3171 Datasheet
201Kb / 2P
   418.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
   418.0 MHz SAW Filter
RF3171 RFM-RF3171 Datasheet
201Kb / 2P
   418.0 MHz SAW Filter
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
   418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
   418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
   418.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com