Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2410 Datasheet(PDF) 5 Page - NEC

Part # 2SK2410
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2410 Datasheet(HTML) 5 Page - NEC

  2SK2410 Datasheet HTML 1Page - NEC 2SK2410 Datasheet HTML 2Page - NEC 2SK2410 Datasheet HTML 3Page - NEC 2SK2410 Datasheet HTML 4Page - NEC 2SK2410 Datasheet HTML 5Page - NEC 2SK2410 Datasheet HTML 6Page - NEC 2SK2410 Datasheet HTML 7Page - NEC 2SK2410 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2410
5
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
80
70
60
50
40
30
20
10
0
–50
0
50
100
150
0
0.5
1.0
1.5
2.0
1
10
100
1000
ID = 15 A
Tch - Channel Temperature - ˚C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
10
1
100
1000
10000
10
100
VGS = 0
f = 1 MHz
VDS - Drain to Source Voltage - V
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
DYANMIC INPUT/OUTPUT CHARACTERISTICS
10
0.1
0
10
100
1000
1.0
10
100
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
ID = 30 A
VGS
ID - Drain Current - A
Qg - Gate Charge - nC
SWITCHING CHARACTERISTICS
0.1
1.0
10
100
1000
1.0
10
100
td(off)
ID - Drain Current - A
VGS = 4 V
VGS = 10 V
Ciss
Coss
Crss
di/dt = 50 A/ s
VGS = 0
VDD = 48 V
VDS
VDD = 30 V
VGS = 10 V
RG = 10
Pulsed
td(on)
tr
tf
10 V
VGS = 0
µ


Similar Part No. - 2SK2410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2410 RENESAS-2SK2410 Datasheet
216Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1994
logo
Inchange Semiconductor ...
2SK2410 ISC-2SK2410 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2410

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com